Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM4EP72CJB Datasheet(PDF) 1 Page - Texas Instruments

Part # TM4EP72CJB
Description  EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4EP72CJB Datasheet(HTML) 1 Page - Texas Instruments

  TM4EP72CJB Datasheet HTML 1Page - Texas Instruments TM4EP72CJB Datasheet HTML 2Page - Texas Instruments TM4EP72CJB Datasheet HTML 3Page - Texas Instruments TM4EP72CJB Datasheet HTML 4Page - Texas Instruments TM4EP72CJB Datasheet HTML 5Page - Texas Instruments TM4EP72CJB Datasheet HTML 6Page - Texas Instruments TM4EP72CJB Datasheet HTML 7Page - Texas Instruments TM4EP72CJB Datasheet HTML 8Page - Texas Instruments TM4EP72CJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TM4EP72BPB, TM4EP72BJB, 4194304 BY 72BIT
TM4EP72CPB, TM4EP72CJB 4194304 BY 72BIT
EXTENDEDDATAOUT BUFFERED DYNAMIC RAM MODULES
SMMS686A − AUGUST 1997 − REVISED FEBRUARY 1998
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Organization ...4194304 × 72 Bits
D Single 3.3-V Power Supply
(
±10% Tolerance)
D JEDEC 168-Pin Dual-In-Line Memory
Module (DIMM) With Buffer for Use With
Socket
D TM4EP72xxB-xx — Uses Eighteen 16M-Bit
High-Speed (4M
×4-Bit) Dynamic Random
Access Memories (DRAMs)
D High-Speed, Low-Noise LVTTL Interface
D High-Reliability Plastic 26-Lead
300-Mil-Wide Surface-Mount Small-Outline
J-Lead (SOJ) Package (DJ Suffix) and
26-Lead 300-Mil-Wide Surface-Mount Thin
Small-Outline Package (TSOP) (DGA Suffix)
D Intended for Workstation/Server
Applications
D Long Refresh Periods:
− TM4EP72CxB: 64 ms (4 096 Cycles)
− TM4EP72BxB: 32 ms (2 048 Cycles)
D 3-State Output
D Extended-Data-Out (EDO) Operation With
CAS-Before-RAS (CBR), RAS-Only, and
Hidden Refresh
D Ambient Temperature Range
0
°C to 70°C
D Gold-Plated Contacts
D Performance Ranges
ACCESS
ACCESS ACCESS
EDO
TIME
TIME
TIME
CYCLE
tRAC
tCAC
tAA
tHPC
(MAX)
(MAX)
(MAX)
(MIN)
’4EP72xxB-50
50 ns
13 ns
25 ns
20 ns
’4EP72xxB-60
60 ns
15 ns
30 ns
25 ns
’4EP72xxB-70
70 ns
18 ns
35 ns
30 ns
description
The TM4EP72BxB is a 32M-byte, 168-pin, buffered, dual-in-line memory module (DIMM). The DIMM is
composed of eighteen TMS427409A, 4 194 304
× 4-bit 2K refresh EDO DRAMs, each in a 300-mil, 26-lead
plastic TSOP (DGA suffix) or SOJ package (DJ suffix), and two SN74LVT162244 16-bit buffers, each in a
48-lead plastic TSOP mounted on a substrate with decoupling capacitors. See the TMS427409A data sheet
(literature number SMKS893).
The TM4EP72CxB is a 32M-byte, 168-pin, buffered DIMM. The DIMM is composed of eighteen TMS426409A,
4 194 304
× 4-bit 4K refresh EDO DRAMs, each in a 300-mil, 26-lead plastic TSOP (DGA suffix) or SOJ package
(DJ suffix), and two 16-bit buffers mounted on a substrate with decoupling capacitors. See the TMS427409A
data sheet (literature number SMKS893).
These modules are intended for multimodule workstation / server applications where buffering is needed for
address and control signals. Two copies of address 0 (A0 and B0) are defined to allow maximum performance
for 4-byte applications which interleave between two 4-byte banks. A0 is common to the DRAMs used for
DQ0−DQ31, while B0 is common to the DRAMs used for DQ32−DQ63.
operation
The TM4EP72xxB operates as eighteen TMS42x409As that are connected as shown in the TM4EP72xxB
functional block diagram.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TM4EP72CJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP72CJN TI-TM4EP72CJN Datasheet
354Kb / 22P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72CJN-50 TI-TM4EP72CJN-50 Datasheet
354Kb / 22P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72CJN-60 TI-TM4EP72CJN-60 Datasheet
354Kb / 22P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72CJN-70 TI-TM4EP72CJN-70 Datasheet
354Kb / 22P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM4EP72CJB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
4M x 16bit CMOS Dynamic RAM with Extended Data Out
logo
Texas Instruments
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
EXTENDED DATA OUT DYNAMIC RAM MODULES
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
16M x 4bit CMOS Dynamic RAM with Extended Data Out
logo
Texas Instruments
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com