Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1622 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETA1622
Description  622.08-MHz CLOCK-RECOVERY DEVICE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1622 Datasheet(HTML) 3 Page - Texas Instruments

  TNETA1622 Datasheet HTML 1Page - Texas Instruments TNETA1622 Datasheet HTML 2Page - Texas Instruments TNETA1622 Datasheet HTML 3Page - Texas Instruments TNETA1622 Datasheet HTML 4Page - Texas Instruments TNETA1622 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TNETA1622
622.08MHz CLOCKRECOVERY DEVICE
SDNS017C − FEBRUARY 1994 − REVISED DECEMBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
DATAOUT,
DATAOUT
VCC = 4.75 V to 5.25 V,
See Notes 2 and 3
VCC −1.03
VCC −0.85
V
VOL
Low-level output voltage
DATAOUT,
DATAOUT
VCC = 4.75 V to 5.25 V,
See Notes 2 and 3
VCC −1.85
VCC −1.62
V
VOH
High-level output voltage
CLKOUT,
CLKOUT
VCC = 5 V
VCC −1.0
V
VOL
Low-level output voltage
CLKOUT,
CLKOUT
VCC = 5 V
VCC −1.6
V
VO(PP) Output voltage swing, PECL
CLKOUT,
CLKOUT
VCC = 4.75 V to 5.25 V,
See Note 3
400
mV
IIH
High-level input current
DATAIN,
DATAIN
VCC = 5.25 V,
VI = 4.45 V
µA
IIL
Low-level input current
DATAIN,
DATAIN
VCC = 5.25 V,
VI = 3.35 V
µA
ICC
Supply current
VCC = 5.25 V,
Outputs open
f = 622.08 Mbit/s,
107
mA
ICC
Supply current
VCC = 5.25 V,
See Note 4
f = 622.08 Mbit/s,
107
mA
NOTES:
2. The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
logic-level voltages only.
3. PECL outputs are terminated through a 50-
Ω resistor to VCC −2 V.
4. CLKOUT, CLKOUT, DATAOUT, and DATAOUT each are terminated with a 50-
Ω resistor to VCC −2 V.
operating characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Acquisition time
See Note 5
ms
Deviation of clock-sampling point, tcsp
See Figure 1
ps
RMS jitter, recovered clock
See Note 6
ps
Peak-to-peak jitter, recovered clock
ps
Input data rate
622.08
Mbit/s
Duty cycle, recovered clock
See Note 3
45%
55%
Maximum number of consecutive bits (1 or 0) in input data stream
See Note 7
NOTES:
3. PECL outputs are terminated through a 50-
Ω resistor to VCC − 2 V.
5. Acquisition time is the time required to achieve a valid clock output while applying a 27 − 1 pseudo-random bit sequence.
6. RMS jitter is measured with a 231 − 1 pseudo-random bit sequence.
7. This measurement is made with a 213 − 1 pseudo-random bit sequence with string substitution.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com