Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1622 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETA1622
Description  622.08-MHz CLOCK-RECOVERY DEVICE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1622 Datasheet(HTML) 4 Page - Texas Instruments

  TNETA1622 Datasheet HTML 1Page - Texas Instruments TNETA1622 Datasheet HTML 2Page - Texas Instruments TNETA1622 Datasheet HTML 3Page - Texas Instruments TNETA1622 Datasheet HTML 4Page - Texas Instruments TNETA1622 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TNETA1622
622.08MHz CLOCKRECOVERY DEVICE
SDNS017C − FEBRUARY 1994 − REVISED DECEMBER 1995
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
CLKOUT
DATAIN
tcsp
50%
50%
50%
50%
VOLTAGE WAVEFORMS
50
Ω
50
Ω 50 Ω
50
Ω
18
14
13
17
6
5
10
DATAIN
DATAIN
CAPOUTP
TNETA1622
DATAOUT
DATAOUT
CLKOUT
CLKOUT
VCC −2 V
LOAD CIRCUIT
CAPOUTN
9
Figure 1. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com