Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55LBC976 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN55LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC976 Datasheet(HTML) 4 Page - Texas Instruments

  SN55LBC976 Datasheet HTML 1Page - Texas Instruments SN55LBC976 Datasheet HTML 2Page - Texas Instruments SN55LBC976 Datasheet HTML 3Page - Texas Instruments SN55LBC976 Datasheet HTML 4Page - Texas Instruments SN55LBC976 Datasheet HTML 5Page - Texas Instruments SN55LBC976 Datasheet HTML 6Page - Texas Instruments SN55LBC976 Datasheet HTML 7Page - Texas Instruments SN55LBC976 Datasheet HTML 8Page - Texas Instruments SN55LBC976 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN55LBC976
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SGLS091A – JUNE 1995 – REVISED JANUARY 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
trecommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus terminal (separately or common mode) VO VI or VIC
B + or B
12
V
Voltage at any bus terminal (separately or common-mode), VO, VI, or VIC
B + or B –
–7
V
High-level input voltage, VIH
All except B + and B –
2
V
Low-level input voltage, VIL
All except B + and B –
0.8
V
High level output current IOH
B + or B –
–60
mA
High-level output current, IOH
A
–8
mA
Low level output current IOL
B + or B –
60
mA
Low-level output current, IOL
A
8
mA
Operating free-air temperature, TA
–55
125
°C
device electrical characteristics over recommended ranges of operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IIH
High level input current
BSR, A, DE/RE, and CRE
VIH =2V
– 200
µA
IIH
High-level input current
CDE0, CDE1, and CDE2
See Figure 3
VIH = 2 V
100
µA
IIL
Low level input current
BSR, A, DE/RE, and CRE
See Figure 3
VIL =0 8V
– 200
µA
IIL
Low-level input current
CDE0, CDE1, and CDE2
VIL = 0.8 V
100
µA
All drivers and receivers
disabled
BSR and CDE0 at 5 V,
Other inputs at 0 V
1.4
5
mA
ICC
Supply current
All receivers enabled
No load,
VID = 5 V,
All other inputs at 0 V
29
50
mA
All drivers enabled
BSR at 0 V,
No load,
All other inputs at 5 V
4.8
15
mA
Co
Bus-port output capacitance
B + or B –
16
pF
C d
Power dissipation capacitance‡
One driver
460
pF
Cpd
Power dissipation capacitance‡
One receiver
50
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Cpd determines the no-load dynamic current consumption; IS = Cpd  VCC  f + ICC.
driver electrical characteristics over recommended ranges of operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD |
Differential output voltage
Vtest = –7 V to 12 V,
See Figure 2
1
2
V
IOS
Output short-circuit current
See Figure 1
±250
mA
IOZ
High-impedance-state output current
See receiver input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com