Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55LBC976 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN55LBC976
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LBC976 Datasheet(HTML) 1 Page - Texas Instruments

  SN55LBC976 Datasheet HTML 1Page - Texas Instruments SN55LBC976 Datasheet HTML 2Page - Texas Instruments SN55LBC976 Datasheet HTML 3Page - Texas Instruments SN55LBC976 Datasheet HTML 4Page - Texas Instruments SN55LBC976 Datasheet HTML 5Page - Texas Instruments SN55LBC976 Datasheet HTML 6Page - Texas Instruments SN55LBC976 Datasheet HTML 7Page - Texas Instruments SN55LBC976 Datasheet HTML 8Page - Texas Instruments SN55LBC976 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN55LBC976
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SGLS091A – JUNE 1995 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Nine Differential Channels for the Data and
Control Paths of the Differential Small
Computer Systems Interface (SCSI) and
Intelligent Peripheral Interface (IPI-2)
D Meets or Exceeds the Requirements of
ANSI Standard RS-485 and
ISO 8482:1987(E)
D Packaged in 380-mil Fine Pitch Ceramic
Flat (WD) Package Using 25-mil
Center-to-Center Spacing
D Designed to Operate at 10 Million Transfers
Per Second
D Low Disabled Supply Current
1.4 mA Typical
D Thermal Shutdown Protection
D Power-Up/Power-Down Glitch Protection
D Positive and Negative Output Current
Limiting
D Open-Circuit Fail-Safe Receiver Design
description
The SN55LBC976 is a 9-channel differential
transceiver
based
on
the
SN55LBC176
LinASIC
™ cell. Use of TI’s LinBiCMOS™† process
technology allows the power reduction necessary
to integrate nine differential transceivers. On-chip
enabling logic makes this device applicable for the
data path (eight data bits plus parity) and the
control path (nine bits) for both the Small
Computer Systems Interface (SCSI) and the
Intelligent Peripheral Interface (IPI-2) standard
data interfaces.
The switching speed and testing capabilities of the SN55LBC976 are sufficient to transfer data over the data
bus at 10 million transfers per second. Each of the nine channels conforms to the requirements of the ANSI
RS-485 and ISO 8482:1987(E) standards referenced by ANSI X3.129-1986 (IPI), ANSI X3.131-1993 (SCSI-2),
and the proposed SCSI-3 standards.
The SN55LBC976 is characterized for operation from – 55
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinASIC and LinBiCMOS are trademarks of Texas Instruments Incorporated.
† Patent pending
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
GND
BSR
CRE
1A
1DE/RE
2A
2DE/RE
3A
3DE/RE
4A
4DE/RE
VCC
GND
GND
GND
GND
GND
VCC
5A
5DE/RE
6A
6DE/RE
7A
7DE/RE
8A
8DE/RE
9A
9DE/RE
CDE2
CDE1
CDE0
9B +
9B –
8B +
8B –
7B +
7B –
6B +
6B –
VCC
GND
GND
GND
GND
GND
VCC
5B +
5B –
4B +
4B –
3B +
3B –
2B +
2B –
1B +
1B –
WD PACKAGE
(TOP VIEW)


Similar Part No. - SN55LBC976

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
392Kb / 17P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI1-SN55LBC172 Datasheet
1Mb / 18P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI2-SN55LBC172 Datasheet
820Kb / 16P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
REVISED JANUARY 2003
SN55LBC172FK TI-SN55LBC172FK Datasheet
177Kb / 12P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN55LBC976

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A Datasheet
170Kb / 9P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75LBC978 TI-SN75LBC978 Datasheet
238Kb / 16P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_06 Datasheet
537Kb / 33P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A TI-SN75976A_07 Datasheet
689Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
logo
National Semiconductor ...
DS92LV090A NSC-DS92LV090A_07 Datasheet
291Kb / 12P
9 Channel Bus LVDS Transceiver
logo
Texas Instruments
SN75976A TI-SN75976A Datasheet
719Kb / 35P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75LBC976 TI1-SN75LBC976 Datasheet
392Kb / 24P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
SN75976A-EP TI1-SN75976A-EP Datasheet
578Kb / 29P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
DS92LV090A TI1-DS92LV090A_14 Datasheet
938Kb / 16P
9 Channel Bus LVDS Transceiver
SN75LBC978 TI1-SN75LBC978_09 Datasheet
423Kb / 19P
9-CHANNEL DIFFERENTIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com