Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1910Q Datasheet(PDF) 14 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXA1910Q Datasheet HTML 10Page - Sony Corporation CXA1910Q Datasheet HTML 11Page - Sony Corporation CXA1910Q Datasheet HTML 12Page - Sony Corporation CXA1910Q Datasheet HTML 13Page - Sony Corporation CXA1910Q Datasheet HTML 14Page - Sony Corporation CXA1910Q Datasheet HTML 15Page - Sony Corporation CXA1910Q Datasheet HTML 16Page - Sony Corporation CXA1910Q Datasheet HTML 17Page - Sony Corporation CXA1910Q Datasheet HTML 18Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
—14—
CXA1910Q
(4) MS (internal detection between tracks) adjustment method
Fig. 5
1) MS gain (FF/NOR mode gain) adjustment
→ External resistors R1 and R2
MS gain is expressed by the following equations.
G1 = 10 + 20log
R1 + 100k
[dB]
G2 = 10 + 20log
R2 + 100k
[dB]
R1
R2
2) MS low-band cut-off frequency adjustment
→ External resistors R1 and R2 and external capacitors C1 and
C2
The external resistors R1 and R2 and external capacitors C1 and C2 should be adjusted to adjust the low-
band cut-off frequency for the MS frequency response.
3) MS high-band cut-off frequency adjustment
→ External capacitor C3
The external capacitor C3 should be adjusted to adjust the high-band cut-off frequency for the MS
frequency response. (In this case, G1 and G2 have the same cut-off frequency.)
DET
G2
G1
MSOUT
TAPEIN
10dB
25kHz LPF
(in the case of built-in CR only)
100k
Ω
G1
G2
R1
R2
C1
C2
2
1
MSTC
2
1
2
1
2
1
100k
Ω
64pF
3
3
MSLPF
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com