Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1910Q Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 5 Page - Sony Corporation

  CXA1910Q Datasheet HTML 1Page - Sony Corporation CXA1910Q Datasheet HTML 2Page - Sony Corporation CXA1910Q Datasheet HTML 3Page - Sony Corporation CXA1910Q Datasheet HTML 4Page - Sony Corporation CXA1910Q Datasheet HTML 5Page - Sony Corporation CXA1910Q Datasheet HTML 6Page - Sony Corporation CXA1910Q Datasheet HTML 7Page - Sony Corporation CXA1910Q Datasheet HTML 8Page - Sony Corporation CXA1910Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
—5—
CXA1910Q
Pin
Symbol
DC
Z (in)
Equivalent circuit
Description
No.
value
9
TC
0.3V
22
15
MSMODE
17
NRMODE
18
DRSW
19
TAPESW
21
NRSW
16
MSSW
25
VCT
4.0V
4NC
8
20
23
26
27
5
MSLPF
4.0V
100k
Time Constant pin for the level
detector
Refer to Page 6.
Refer to Page 6.
VCC/2 output
No connection.
Capacitance connection for
adjusting the MS LPF time
constant.
Vcc
GND
20k
600k
22
9
0.5µ
0.5µ
147
×2
147
Vcc
GND
50µ
21
19
18
17
15
147
Vcc
GND
50µ
50µ
16
147
Vcc
GND
to VGS
45k
30k
30k
50µ
25
147
VCC
GND
100 k
5
64p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com