Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-16TTS..FPPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-16TTS..FPPBF
Description  High Voltage Phase Control Thyristor, 16 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-16TTS..FPPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-16TTS..FPPBF Datasheet HTML 1Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 2Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 3Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 4Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 5Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 6Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-16TTS..FPPbF Series, VS-16TTS...FP-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Nov-11
5
Document Number: 94381
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-16TTS08FPPbF
50
1000
Antistatic plastic tubes
VS-16TTS08FP-M3
50
1000
Antistatic plastic tubes
VS-16TTS12FPPbF
50
1000
Antistatic plastic tubes
VS-16TTS12FP-M3
50
1000
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95072
Part marking information
TO-220FP PbF
www.vishay.com/doc?95069
TO-220FP -M3
www.vishay.com/doc?95456
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b )
(a)
Rectangula r ga te pulse
(4)
(3)
(2)
(1)
Instant aneousGate Current (A)
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
a)Recommended load line for
ra ted d i/ dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30%rated di/ dt: 10 V, 65 ohms
tr = 1 µs, tp >= 6 µs
(1) PGM = 40 , tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms
16TTS..FP Series
2
-
Current rating, RMS value
3
-
Circuit configuration:
4
-
Package:
5
6
-
Voltage code x 100 = VRRM
T = Single thyristor
-
Type of silicon:
T = TO-220AB
S = Converter grade
8
-
08 = 800 V
12 = 1200 V
7
-
FULL-PAK
Device code
6
2
4
3
5
7
8
16
T
T
S
12
FP
PbF
VS-
1
1
-
Vishay Semiconductors product
Environmental digit:
PbF = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com