Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-16TTS..FPPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-16TTS..FPPBF
Description  High Voltage Phase Control Thyristor, 16 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-16TTS..FPPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-16TTS..FPPBF Datasheet HTML 1Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 2Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 3Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 4Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 5Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 6Page - Vishay Siliconix VS-16TTS..FPPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-16TTS..FPPbF Series, VS-16TTS...FP-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Nov-11
4
Document Number: 94381
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
80
100
120
140
160
180
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
Initia l T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
RRM
J
16TTS..FP Series
80
100
120
140
160
180
200
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
Initial T = 125°C
No Vo ltag e Reapp lied
Rated V
Reapp lied
J
RRM
16TTS..FP Series
1
10
100
1000
012345
T = 25°C
J
InstantaneousOn-state Voltage (V)
T = 125°C
J
16TTS..FP Series
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
16TTS..FP Series
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com