Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-25TTS..FP-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-25TTS..FP-M3
Description  High Voltage Phase Control Thyristor, 25 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25TTS..FP-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-25TTS..FP-M3 Datasheet HTML 1Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 2Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 3Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 4Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 5Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 6Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95072
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
5° ± 0.5°
0.9
0.7
1.15
1.05
2.54 TYP.
2.54 TYP.
2.8
2.6
1.4
1.3
TYP.
10°
16.4
15.4
16.0
15.8
13.56
13.05
0.61
0.38
2.85
2.65
3.7
3.2
4.8
4.6
3.3
3.1
7.31
6.91
10.6
10.4
Hole Ø
3.4
3.1
(2 places)
R 0.7
R 0.5
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
Conforms to JEDEC outline TO-220 FULL-PAK



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com