Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-25TTS..FP-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-25TTS..FP-M3
Description  High Voltage Phase Control Thyristor, 25 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25TTS..FP-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-25TTS..FP-M3 Datasheet HTML 1Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 2Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 3Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 4Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 5Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 6Page - Vishay Siliconix VS-25TTS..FP-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-25TTS..FPPbF Series, VS-25TTS..FP-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 15-Nov-11
4
Document Number: 94384
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
150
200
250
300
350
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
25TTS.. Series
At Any Rated Load Cond ition And With
Rated V
Applied Following Surge.
RRM
100
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduc tion Ma y Not Be Mainta ined.
Initia l T = 125°C
No Voltage Reapplied
Rated V
Reapp lied
RRM
J
25TTS.. Series
1
10
100
1000
01
2
3
4
5
T = 25°C
J
Instanta neous On-state Voltage (V)
T = 125°C
J
25TTS.. Series
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Steady State Value
(DC Operation)
25TTS.. Series
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com