Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST300C..C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST300C..C
Description  Phase Control Thyristors (Hockey PUK Version), 650 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300C..C Datasheet(HTML) 1 Page - Vishay Siliconix

  ST300C..C Datasheet HTML 1Page - Vishay Siliconix ST300C..C Datasheet HTML 2Page - Vishay Siliconix ST300C..C Datasheet HTML 3Page - Vishay Siliconix ST300C..C Datasheet HTML 4Page - Vishay Siliconix ST300C..C Datasheet HTML 5Page - Vishay Siliconix ST300C..C Datasheet HTML 6Page - Vishay Siliconix ST300C..C Datasheet HTML 7Page - Vishay Siliconix ST300C..C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94403
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Hockey PUK Version), 650 A
ST300CPbF Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• Metal case with ceramic insulator
• International standard case TO-200AB (E-PUK)
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
650 A
TO-200AB (E-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
650
A
Ths
55
°C
IT(RMS)
1290
A
Ths
25
°C
ITSM
50 Hz
8000
A
60 Hz
8380
I2t
50 Hz
320
kA2s
60 Hz
292
VDRM/VRRM
400 to 2000
V
tq
Typical
100
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE
PEAK AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST300C..C
04
400
500
50
08
800
900
12
1200
1300
16
1600
1700
18
1800
1900
20
2000
2100


Similar Part No. - ST300C..C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300C..L VISHAY-ST300C..L Datasheet
136Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 560 A
11-Aug-08
More results

Similar Description - ST300C..C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST300CPBF VISHAY-ST300CPBF Datasheet
169Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 650 A
11-Aug-08
ST330CLPBF VISHAY-ST330CLPBF Datasheet
150Kb / 7P
Phase Control Thyristors (Hockey PUK Version), 650 A
16-Oct-08
ST330CLPBF VISHAY-ST330CLPBF_12 Datasheet
168Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
16-Oct-08
VS-ST300CPB VISHAY-VS-ST300CPB Datasheet
238Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
VS-ST300C VISHAY-VS-ST300C_V01 Datasheet
238Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
VS-ST330CL VISHAY-VS-ST330CL_V01 Datasheet
209Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 650 A
27-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com