Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST300C..C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST300C..C
Description  Phase Control Thyristors (Hockey PUK Version), 650 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300C..C Datasheet(HTML) 4 Page - Vishay Siliconix

  ST300C..C Datasheet HTML 1Page - Vishay Siliconix ST300C..C Datasheet HTML 2Page - Vishay Siliconix ST300C..C Datasheet HTML 3Page - Vishay Siliconix ST300C..C Datasheet HTML 4Page - Vishay Siliconix ST300C..C Datasheet HTML 5Page - Vishay Siliconix ST300C..C Datasheet HTML 6Page - Vishay Siliconix ST300C..C Datasheet HTML 7Page - Vishay Siliconix ST300C..C Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94403
4
Revision: 11-Aug-08
ST300CPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 650 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
AverageOn-stateCurrent(A)
30
40
50
60
70
80
90
100
110
120
130
0
100
200
300
400
500
30°
60°
90°
120°
180°
Conduction Angle
ST300C..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/W
thJ-hs
AverageOn-stateCurrent(A)
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
DC
30°
60° 90°
120°
180°
Conduction Period
ST300C..C Series
(Single Side Cooled)
R
(DC) = 0.09 K/W
thJ-hs
Average On-state Current (A)
10
20
30
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
30°
60°
90°
120°
180°
Conduction Angle
ST300C..C Series
(Double Side Cooled)
R
(DC) = 0.04 K/W
thJ-hs
Average On-state Current (A)
20
30
40
50
60
70
80
90
100
110
120
130
0
200 400 600 800 1000 1200 1400
DC
30°
60°
90°
120°
180°
Conduction Period
ST300C..C Series
(Double Side Cooled)
R
(DC) = 0.04 K/W
thJ-hs
Average On-state Current (A)
0
200
400
600
800
1000
1200
1400
1600
0
100 200 300 400 500 600 700
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
ST300C..C Series
T = 125 °C
J
Average On-state Current (A)
0
200
400
600
800
1000
1200
1400
1600
1800
0
200
400
600
800 1000 1200
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
ST300C..C Series
T = 125 °C
J



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com