Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2021 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA2021
Description  I2C BUS Sound Processor for TV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2021 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA2021 Datasheet HTML 8Page - Sony Corporation CXA2021 Datasheet HTML 9Page - Sony Corporation CXA2021 Datasheet HTML 10Page - Sony Corporation CXA2021 Datasheet HTML 11Page - Sony Corporation CXA2021 Datasheet HTML 12Page - Sony Corporation CXA2021 Datasheet HTML 13Page - Sony Corporation CXA2021 Datasheet HTML 14Page - Sony Corporation CXA2021 Datasheet HTML 15Page - Sony Corporation CXA2021 Datasheet HTML 16Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
– 13 –
CXA2021S
<Description of Operations>
• AGC circuit
The AGC circuit is incorporated in the input block. When AGC is turned ON, gain is 0dB for small signal
input, boosted for medium signal input and reduced for large signal input. The AGC circuit can absorb
volume differences between input sources.
• Surround circuit
L-R signals passing through the phase shifter are added to L channel and R channel each in the opposite
phase. The transfer function of the phase shifter is obtained by the following equation:
VO =
Vin
where R is internal resistance
≈ 18kΩ and C is external capacitance.
• TONE circuit
BASS and TREBLE tone control. BASS control characteristic can be determined by external capacitance
connected to CL, and TREBLE control characteristic by external capacitance connected to CH. Tone control
can be performed in 32 steps.
• BALANCE and VOLUME circuits
Controls BALANCE and VOLUME in 64 steps each.
• DAC
DAC circuit for controlling BASS, TREBLE, VOLUME and BALANCE. Internal impedance is approximately
20k
Ω. Connect external capacitance for LPF.
1 – SCR
1 + SCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com