Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA2021 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2021
Description  I2C BUS Sound Processor for TV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2021 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2021 Datasheet HTML 2Page - Sony Corporation CXA2021 Datasheet HTML 3Page - Sony Corporation CXA2021 Datasheet HTML 4Page - Sony Corporation CXA2021 Datasheet HTML 5Page - Sony Corporation CXA2021 Datasheet HTML 6Page - Sony Corporation CXA2021 Datasheet HTML 7Page - Sony Corporation CXA2021 Datasheet HTML 8Page - Sony Corporation CXA2021 Datasheet HTML 9Page - Sony Corporation CXA2021 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
– 6 –
CXA2021S
18
VRS
6V
VCC
reference voltage pin.
2
Vcc
30k
1k
30k
16k
16k
30µ
18
21
VCC
12V
Power supply pin.
Pin No.
Symbol
Voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com