Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF01 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # CMF01
Description  Switching Mode Power Supply Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

CMF01 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  CMF01 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd CMF01 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(CMF04)
Note 2: This rating specifies the non-repetitive peak cu
(CMF03)
102°C
127°C
(CMF02)
108°C
100°C
(Note 1)
(Note 1)
- 40 to + 125
16
Maximum Thermal Resistance (Junction to Lead)
th (j-l)
V
10(50HZ)
(Non-repetitive
Maximum Peak One Cycle Surge Forward Current
2.0
1.0
0.5
0.5
A
600
600
900
800
V
SYMBOL CMF01 CMF02
CMF03
CMF04
UNIT
Suitable for compact assembly due to small surface-mount
600V-900V
0.5A-2.0A
CMF01 THRU CMF04
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
.
Maximum Repetitive Peak Reverse Voltage
VRRM
Maximum Average Forward Current Ta = 65
°C
IF
Maximum Forward Voltage at IF
F
R
°C/W
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
RATING
IFSM
A
Switching Mode Power Supply Applications
• Repetitive peak reverse voltage: VRRM
• Average forward current: IF (AV)
• Forward voltage: VFM = 2.0 V (max)
• Very fast reverse-recovery time: trr = 100 ns (max.)
•
“M −FLATTM” (Toshiba package name)
Package
SOD-123
30(50HZ)
V
2.0
2.5
Note 1: Tℓ
=
Rectangular waveform (
α = 180°)
(Note 1) (Note 1)
ℓ
=
T
(CMF01)
ℓ
=
T
ℓ
=
T
rrent in one cycle of a 50 Hz sine wave, condition angle 180
°.
Therefore the rating applies only to abnormal operation, which seldom occurs during the lifespan of a device.


Similar Part No. - CMF01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMF01 TOSHIBA-CMF01 Datasheet
173Kb / 4P
Switching Mode Power Supply Applications
CMF01A TOSHIBA-CMF01A Datasheet
311Kb / 7P
Fast Recovery Diode (FRD) Silicon Diffused Junction
More results

Similar Description - CMF01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com