Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF01 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # CMF01
Description  Switching Mode Power Supply Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

CMF01 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  CMF01 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd CMF01 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
CMF01 THRU CMF04
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
600V-900V
0.5A-2.0A
CMF01 THRU CMF04
Switching Mode Power Supply Applications
1
100
1000
0.001
1000
1
0.01
0.1
10
100
10
0
4
12
10
8
1
100
10
3
5
30
50
6
2
0
0
40
160
0.4
0.6
1.2
20
60
120
100
0.2
0.8
80
140
α = 60°
120°
180°
1.0
160
0
0
40
0.4
1.2
20
60
120
100
0.2
0.6
80
140
α = 60°
120°
180°
0.8
1.0
0
1.0
2.0
0
0.2
0.8
1.2
0.6
α = 60°
120°
180°
3.0
0.4
1.0
0
1.0
0.01
0.1
1
10
2.0
3.0
4.0
5.0
25°C
75°C
Tj = 150°C
Average forward current IF (AV) (A)
Ta max – IF (AV)
Device mounted on a glass-epoxy board
(board size: 50 mm × 50 mm, land size: 6 mm × 6 mm)
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Instantaneous forward voltage VF
(V)
iF – vF
Pulse test
Ta
= 25°C
f
= 50 Hz
Time t (s)
rth (j-a) – t
Number of cycles
Surge forward current
(non-repetitive)
Average forward current IF (AV) (A)
T
ℓ max – IF (AV)
Device mounted on
a glass-epoxy board
(board size: 50 mm × 50 mm,
land size: 2.1 mm × 1.4 mm,
board thickness: 1.6 t)
Device mounted on a ceramic board
(board size: 50 mm × 50 mm,
land size: 2 mm × 2 mm,
board thickness: 0.64 t)
Device mounted on
a glass-epoxy board
(board size: 50 mm × 50 mm,
land size: 6 mm × 6 mm,
board thickness: 1.6 t)
360°
0°
Rectangular
waveform
α
Conduction angle
α
Rectangular
waveform
α
0°
360°
Conduction
angle: α
Rectangular
waveform
α
0°
360°
Conduction
angle: α



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com