Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G56 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # G56
Description  Silicon Z?밆iodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

G56 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  G56 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd G56 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd G56 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 2
Web Site: www.taychipst.com
E-mail: sales@taychipst.com
10V-270V 3.0A
BZG03C Series
Silicon Z–Diodes
IZT
VV
V
Ω
Ω
m A
%/K
%/K
µ A
V
Min.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Max.
BZG03C10
G10
9.4
10
10.6
2.0
4.0
50
0.05
0.09
10
7.5
BZG03C11
G11
10.4
11
11.6
4.0
7.0
50
0.05
0.10
4.0
8.2
BZG03C12
G12
11.4
12
12.7
4.0
7.0
50
0.05
0.10
3.0
9.1
BZG03C13
G13
12.4
13
14.1
5.0
10
50
0.05
0.10
2.0
10
BZG03C15
G15
13.8
15
15.6
5.0
10
50
0.05
0.10
1.0
11
BZG03C16
G16
15.3
16
17.1
6.0
15
25
0.06
0.11
1.0
12
BZG03C18
G18
16.8
18
19.1
6.0
15
25
0.06
0.11
1.0
13
BZG03C20
G20
18.8
20
21.2
6.0
15
25
0.06
0.11
1.0
15
BZG03C22
G22
20.8
22
23.3
6.0
15
25
0.06
0.11
1.0
16
BZG03C24
G24
22.8
24
25.6
7.0
15
25
0.06
0.11
1.0
18
BZG03C27
G27
25.1
27
28.9
7.0
15
25
0.06
0.11
1.0
20
BZG03C30
G30
28
30
32
8.0
15
25
0.06
0.11
1.0
22
BZG03C33
G33
31
33
35
8.0
15
25
0.06
0.11
1.0
24
BZG03C36
G36
34
36
38
21
40
10
0.06
0.11
1.0
27
BZG03C39
G39
37
39
41
21
40
10
0.06
0.11
1.0
30
BZG03C43
G43
40
43
46
24
45
10
0.07
0.12
1.0
33
BZG03C47
G47
44
47
50
24
45
10
0.07
0.12
1.0
36
BZG03C51
G51
48
51
54
25
60
10
0.07
0.12
1.0
39
BZG03C56
G56
52
56
60
25
60
10
0.07
0.12
1.0
43
BZG03C62
G62
58
62
66
25
80
10
0.08
0.13
1.0
47
BZG03C68
G68
64
68
72
25
80
10
0.08
0.13
1.0
51
BZG03C75
G75
70
75
79
30
100
10
0.08
0.13
1.0
56
BZG03C82
G82
77
82
87
30
100
10
0.08
0.13
1.0
62
BZG03C91
G91
85
91
96
60
200
5
0.09
0.13
1.0
68
BZG03C100
G100
94
100
106
60
200
5
0.09
0.13
1.0
75
BZG03C110
G110
104
110
116
80
250
5
0.09
0.13
1.0
82
BZG03C120
G120
114
120
127
80
250
5
0.09
0.13
1.0
91
BZG03C130
G130
124
130
141
110
300
5
0.09
0.13
1.0
100
BZG03C150
G150
138
150
156
130
300
5
0.09
0.13
1.0
110
BZG03C160
G160
158
160
171
150
350
5
0.09
0.13
1.0
120
BZG03C180
G180
168
180
191
180
400
5
0.09
0.13
1.0
130
BZG03C200
G200
188
200
212
200
500
5
0.09
0.13
1.0
150
BZG03C220
G220
208
220
233
350
750
2
0.09
0.13
1.0
160
BZG03C240
G240
228
240
256
400
850
2
0.09
0.13
1.0
180
BZG03C270
G270
251
270
289
450
1000
2
0.09
0.13
1.0
200
ELECTRICAL CHARACTERISTICS (T
A=25℃)
Reverse leakage
current
Zener voltage
range
VZ
Type
Device
marking
code
Dynamic resistance
Temperature
coefficient
of zener voltage
rzj@IZT
TKVZ@IZT
IR@VR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com