Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G56 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # G56
Description  Silicon Z?밆iodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

G56 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  G56 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd G56 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd G56 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10V-270V 3.0A
1 of 2
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
•
•
•
•
High reliability
Voltage range 10 V to 270 V
Fits onto 5 mm SMD footpads
Wave and reflow solderable
Glass passivated junction
Case:JEDEC DO-214AC(SMA)
Terminals: Solderable per MIL-
STD-202,Method 208
Polarity: Color band denotes cathods end
Mounting position: any
Weight: 0.002 ounces, 0.064 grams
•
•
•
•
•
BZG03C Series
Silicon Z–Diodes
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZG03C-series
BZG03C-series-TR
1500 (7" reel)
BZG03C-series
BZG03C-series-TR3
6000 (13" reel)
6000/box
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
RthJA < 25 K/W, Tamb = 100 °C
Ptot
3000
mW
RthJA < 100 K/W, Tamb = 50 °C
Ptot
1250
mW
Non repetitive peak surge power
dissipation
tp = 100 μs sq.pulse, Tj = 25 °C
pior to surge
PZSM
600
W
Junction to lead
RthJL
25
K/W
Junction to ambient air
Mounted on epoxy-glass hard
tissue, fig. 1b
RthJA
150
K/W
Mounted on epoxy-glass hard tissue, fig. 1b
RthJA
125
K/W
Mounted on Al-oxid-ceramic
(Al2O3), fig. 1b
RthJA
100
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Forward voltage (max.)
IF = 0.5 A
VF
1.2
V


Similar Part No. - G56

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
High-Speed Step-Down Controller with LDO Controller for Notebook Computer
G5602 GMT-G5602 Datasheet
35Kb / 1P
High-Speed Step-Down Controller
G5603 GMT-G5603 Datasheet
53Kb / 1P
High-Speed Step-Down Controller
G5616 GMT-G5616 Datasheet
108Kb / 4P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
G5616A GMT-G5616A Datasheet
83Kb / 2P
Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
Ver: 1.0 Oct 26, 2012
More results

Similar Description - G56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
Silicon Z-Diodes
01-Apr-99
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
Silicon Z-Diodes
01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
Silicon Z-Diodes
01-Apr-99
BZG47 VISHAY-BZG47 Datasheet
84Kb / 4P
Silicon Z–Diodes
06-Aug-99
logo
WILLAS ELECTRONIC CORP
1N5221B WILLAS-1N5221B Datasheet
385Kb / 3P
Silicon Z?밆iodes
logo
Gaomi Xinghe Electronic...
1N5221B GXELECTRONICS-1N5221B Datasheet
203Kb / 2P
Silicon Z?밆iodes
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
Silicon Z-diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com