Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4088 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 17Page - NXP Semiconductors LPC4088 Datasheet HTML 18Page - NXP Semiconductors LPC4088 Datasheet HTML 19Page - NXP Semiconductors LPC4088 Datasheet HTML 20Page - NXP Semiconductors LPC4088 Datasheet HTML 21Page - NXP Semiconductors LPC4088 Datasheet HTML 22Page - NXP Semiconductors LPC4088 Datasheet HTML 23Page - NXP Semiconductors LPC4088 Datasheet HTML 24Page - NXP Semiconductors LPC4088 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
21 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
P1[20]
70
U7
K6
49
27
[3]
I; PU I/O
P1[20] — General purpose digital input/output pin.
O
USB_TX_DP1 — D+ transmit data for USB port 1 (OTG
transceiver).
O
PWM1[2] — Pulse Width Modulator 1, channel 2 output.
I
QEI_PHA — Quadrature Encoder Interface PHA input.
I
MC_FB0 — Motor control PWM channel 0 feedback
input.
I/O
SSP0_SCK — Serial clock for SSP0.
O
LCD_VD[6] — LCD data.
O
LCD_VD[10] — LCD data.
P1[21]
72
R8
N6
50
-
[3]
I; PU I/O
P1[21] — General purpose digital input/output pin.
O
USB_TX_DM1 — D
 transmit data for USB port 1 (OTG
transceiver).
O
PWM1[3] — Pulse Width Modulator 1, channel 3 output.
I/O
SSP0_SSEL — Slave Select for SSP0.
I
MC_ABORT — Motor control PWM, active low fast
abort.
-
R — Function reserved.
O
LCD_VD[7] — LCD data.
O
LCD_VD[11] — LCD data.
P1[22]
74
U8
M6
51
28
[3]
I; PU I/O
P1[22] — General purpose digital input/output pin.
I
USB_RCV1 — Differential receive data for USB port 1
(OTG transceiver).
I
USB_PWRD1 — Power Status for USB port 1 (host
power switch).
O
T1_MAT0 — Match output for Timer 1, channel 0.
O
MC_0B — Motor control PWM channel 0, output B.
I/O
SSP1_MOSI — Master Out Slave In for SSP1.
O
LCD_VD[8] — LCD data.
O
LCD_VD[12] — LCD data.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5
(EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com