Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC4088 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 9Page - NXP Semiconductors LPC4088 Datasheet HTML 10Page - NXP Semiconductors LPC4088 Datasheet HTML 11Page - NXP Semiconductors LPC4088 Datasheet HTML 12Page - NXP Semiconductors LPC4088 Datasheet HTML 13Page - NXP Semiconductors LPC4088 Datasheet HTML 14Page - NXP Semiconductors LPC4088 Datasheet HTML 15Page - NXP Semiconductors LPC4088 Datasheet HTML 16Page - NXP Semiconductors LPC4088 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
13 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
P0[10]
98
T15
L10
69
39
[3]
I; PU I/O
P0[10] — General purpose digital input/output pin.
O
U2_TXD — Transmitter output for UART2.
I/O
I2C2_SDA — I2C2 data input/output (this pin does not
use a specialized I2C pad).
O
T3_MAT0 — Match output for Timer 3, channel 0.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[5] — LCD data.
P0[11]
100
R14
P12
70
40
[3]
I; PU I/O
P0[11] — General purpose digital input/output pin.
I
U2_RXD — Receiver input for UART2.
I/O
I2C2_SCL — I2C2 clock input/output (this pin does not
use a specialized I2C pad).
O
T3_MAT1 — Match output for Timer 3, channel 1.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[10] — LCD data.
P0[12]
41
R1
J4
29
-
[5]
I; PU I/O
P0[12] — General purpose digital input/output pin.
O
USB_PPWR2 — Port Power enable signal for USB port
2.
I/O
SSP1_MISO — Master In Slave Out for SSP1.
I
ADC0_IN[6] — A/D converter 0, input 6. When
configured as an ADC input, the digital function of the pin
must be disabled.
P0[13]
45
R2
J5
32
-
[5]
I; PU I/O
P0[13] — General purpose digital input/output pin.
O
USB_UP_LED2 — USB port 2 GoodLink LED indicator.
It is LOW when the device is configured (non-control
endpoints enabled), or when the host is enabled and has
detected a device on the bus. It is HIGH when the device
is not configured, or when host is enabled and has not
detected a device on the bus, or during global suspend. It
transitions between LOW and HIGH (flashes) when the
host is enabled and detects activity on the bus.
I/O
SSP1_MOSI — Master Out Slave In for SSP1.
I
ADC0_IN[7] — A/D converter 0, input 7. When
configured as an ADC input, the digital function of the pin
must be disabled.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5
(EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com