Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.DP1203-XXX-R Datasheet(PDF) 6 Page - Semtech Corporation

Part # WI.DP1203-XXX-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-XXX-R Datasheet(HTML) 6 Page - Semtech Corporation

Back Button WI.DP1203-XXX-R Datasheet HTML 2Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 3Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 4Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 5Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 6Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 7Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 8Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
5
1. Description
The Wi.DP1203-XXX-R
TM are complete Radio Transceiver Modules operating in the 433, 868 and 915 MHz
license free ISM (Industrial Scientific and Medical) frequency bands. Based on the XE1203F transceiver, the
Wi.DP1203-XXX-R
TM offers the unique advantage of high data rate communication up to 152.3 kbit/s. Combining
high output power and exceptional receiver sensitivity, the radio modules is suitable for applications seeking to
satisfy the European (ETSI EN300-220-1 and EN301 439-3) or the North American (FCC part 15.247 and
15.249) regulatory standards.
The Wi.DP1203-XXX-R
TM modules can be used in any environment where wireless remote connection is an
advantage. The Wi.DP1203-XXX-R
TM modules are perfect for complex wireless networks involving high speed
data rate applications.
1.1. Features
•
True UART to Antenna Solution
•
433/868/915 MHz
•
No RF Knowledge Required
•
Digital Direct Interface
•
Fully Assembled and Tested
•
Surface Mount
•
30.5 mm x 18.5 mm
•
Supply Voltage 2.4 V – 3.6 V
•
Frequency Synthesizer Steps 500 Hz
•
Output Power is programmable up to 15 dBm
•
High Rx 0.1% Sensitivity down to -113 dBm at 4.8 kbps
•
Data Rate up to 152.3 kbit/s
•
Current Consumption Tx= 62 mA at 15 dBm
•
Current Consumption Rx= 14 mA
•
Digital RSSI (Received Signal Strength Indicator)
•
Digital FEI (Frequency Error Indicator)
1.2. Applications
•
Process, Access, and Building Controls
•
Home Automation
•
Home Appliance Interconnections
Chapter
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com