Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WI.DP1203-XXX-R Datasheet(PDF) 11 Page - Semtech Corporation

Part # WI.DP1203-XXX-R
Description  True UART to Antenna Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

WI.DP1203-XXX-R Datasheet(HTML) 11 Page - Semtech Corporation

Back Button WI.DP1203-XXX-R Datasheet HTML 7Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 8Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 9Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 10Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 11Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 12Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 13Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 14Page - Semtech Corporation WI.DP1203-XXX-R Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
WI.DP1203-XXX-R DATASHEET
10
5. Operation Modes
When operating the XE1203F, it might by useful to quickly switch between two pre-defined operating modes, to
save time and traffic on the 3-wire serial interface bus. This may occur when the XE1203F is required to switch
quickly between receive and transmit mode, when it has to operate on two different carrier frequencies, or when it
has to switch between the high linearity mode B and the high sensitivity mode A. For that purpose, the five
parameters stored in the SWParam Configuration Register are duplicated: the configuration set#1 and the
configuration set #2.
Depending on the ConfigSwitch 1-bit Register or the input level at the SWITCH pin, the XE1203F transceiver will
use either the SWParam configuration set#1 or the set #2. If the RTParam_Switch_ext configuration parameter is
low, then the SWParam configuration set is selected by the ConfigSwitch parameter – set#1 if ConfigSwitch is
“0”, set#2 if ConfigSwitch is “1”. If the RTParam_Switch_ext configuration parameter is high, then the SWParam
configuration set is selected by the SWITCH pin – set#1 if SWITCH is low, set#2 if SWITCH is high.
ConfigSwitch
Register
Switch pin
RTParam_switch_ext
configuration parameter
SWParam configuration set
selected
0
Switch is an output:
‘1’ in transmitter mode
‘0’ in the other mode
0
Set #1
SWParam_mode_1
SWParam_Power_1
SWParam_Rmode_1
SWParam_t_delsig_in_1
SWParam_freq_1
1
Switch is an output:
‘1’ in transmitter mode
‘0’ in the other mode
0
Set #2
SWParam_mode_2
SWParam_Power_2
SWParam_Rmode_2
SWParam_t_delsig_in_2
SWParam_freq_2
X
0
0
Set #1
SWParam_mode_1
SWParam_Power_1
SWParam_Rmode_1
SWParam_t_delsig_in_1
SWParam_freq_1
X
1
0
Set #2
SWParam_mode_2
SWParam_Power_2
SWParam_Rmode_2
SWParam_t_delsig_in_2
SWParam_freq_2
Table 4, ConfigSwitch, SWITCH pin and SWParam Configuration Register
For more information about the data operation modes, please refer to the XE1205 datasheet chapter:
Description.
You can find this at http://www.semtech.com.
Chapter
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com