Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75897PW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75897PW
Description  1/3, 1/4-Duty General-Purpose LCD Display Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75897PW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75897PW Datasheet HTML 1Page - Sanyo Semicon Device LC75897PW Datasheet HTML 2Page - Sanyo Semicon Device LC75897PW Datasheet HTML 3Page - Sanyo Semicon Device LC75897PW Datasheet HTML 4Page - Sanyo Semicon Device LC75897PW Datasheet HTML 5Page - Sanyo Semicon Device LC75897PW Datasheet HTML 6Page - Sanyo Semicon Device LC75897PW Datasheet HTML 7Page - Sanyo Semicon Device LC75897PW Datasheet HTML 8Page - Sanyo Semicon Device LC75897PW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LC75897PW
No.A0549-2/34
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VDD
-0.3 to +7.0
Maximum supply voltage
VLCD max
VLCD
-0.3 to +7.0
V
VIN1
CE, CL, DI, INH
-0.3 to +7.0
VIN2
OSC
-0.3 to VDD+0.3
Input voltage
VIN3
VLCD1, VLCD2
-0.3 to VLCD+0.3
V
VOUT1
OSC
-0.3 to VDD+0.3
Output voltage
VOUT2
VLCD0, S1 to S129, COM1 to COM4, P1 to P8
-0.3 to VLCD+0.3
V
IOUT1
S1 to S129
300
µA
IOUT2
COM1 to COM4
3
Output current
IOUT3
P1 to P8
5
mA
Allowable power dissipation
Pd max
Ta = 85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
VDD
VDD
2.7
6.0
VLCD,
VLCD0 = 0.70VLCD to 0.95VLCD
4.0
6.0
Supply voltage
VLCD
VLCD, VLCD0 = VLCD
2.7
6.0
V
Output voltage
VLCD0
VLCD0
2.7
VLCD
V
VLCD1
VLCD1
2/3VLCD0
VLCD0
Input voltage
VLCD2
VLCD2
1/3VLCD0
VLCD0
V
VIH1
CE, CL, DI, INH
0.8VDD
6.0
Input high-level voltage
VIH2
OSC external clock operating mode
0.7VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low-level voltage
VIL2
OSC external clock operating mode
0
0.3VDD
V
Recommended external resistor
for RC oscillation
ROSC
OSC RC oscillator operating mode
10
k
Ω
Recommended external capacitor
for RC oscillation
COSC
OSC RC oscillator operating mode
470
pF
Guaranteed range of RC oscillation
fOSC
OSC RC oscillator operating mode
150
300
600
kHz
External clock operating frequency
fCK
OSC external clock operating mode
[Figure 4]
150
300
600
kHz
External clock duty cycle
DCK
OSC external clock operating mode
[Figure 4]
30
50
70
%
Data setup time
tds
CL,DI
[Figure 2],[ Figure 3]
160
ns
Data hold time
tdh
CL,DI
[Figure 2],[ Figure 3]
160
ns
CE wait time
tcp
CE,CL
[Figure 2],[ Figure 3]
160
ns
CE setup time
tcs
CE,CL
[Figure 2],[ Figure 3]
160
ns
CE hold time
tch
CE,CL
[Figure 2],[ Figure 3]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 2],[ Figure 3]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 2],[ Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2],[ Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2],[ Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5],[ Figure 6]
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com