Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75897PW Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75897PW
Description  1/3, 1/4-Duty General-Purpose LCD Display Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75897PW Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75897PW Datasheet HTML 17Page - Sanyo Semicon Device LC75897PW Datasheet HTML 18Page - Sanyo Semicon Device LC75897PW Datasheet HTML 19Page - Sanyo Semicon Device LC75897PW Datasheet HTML 20Page - Sanyo Semicon Device LC75897PW Datasheet HTML 21Page - Sanyo Semicon Device LC75897PW Datasheet HTML 22Page - Sanyo Semicon Device LC75897PW Datasheet HTML 23Page - Sanyo Semicon Device LC75897PW Datasheet HTML 24Page - Sanyo Semicon Device LC75897PW Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LC75897PW
No.A0549-21/34
Continued from preceding page.
Segment
Output pins
COM1
COM2
COM3
COM4
Segment
Output pins
COM1
COM2
COM3
COM4
S73
D289
D290
D291
D292
S101
D401
D402
D403
D404
S74
D293
D294
D295
D296
S102
D405
D406
D407
D408
S75
D297
D298
D299
D300
S103
D409
D410
D411
D412
S76
D301
D302
D303
D304
S104
D413
D414
D415
D416
S77
D305
D306
D307
D308
S105
D417
D418
D419
D420
S78
D309
D310
D311
D312
S106
D421
D422
D423
D424
S79
D313
D314
D315
D316
S107
D425
D426
D427
D428
S80
D317
D318
D319
D320
S108
D429
D430
D431
D432
S81
D321
D322
D323
D324
S109
D433
D434
D435
D436
S82
D325
D326
D327
D328
S110
D437
D438
D439
D440
S83
D329
D330
D331
D332
S111
D441
D442
D443
D444
S84
D333
D334
D335
D336
S112
D445
D446
D447
D448
S85
D337
D338
D339
D340
S113
D449
D450
D451
D452
S86
D341
D342
D343
D344
S114
D453
D454
D455
D456
S87
D345
D346
D347
D348
S115
D457
D458
D459
D460
S88
D349
D350
D351
D352
S116
D461
D462
D463
D464
S89
D353
D354
D355
D356
S117
D465
D466
D467
D468
S90
D357
D358
D359
D360
S118
D469
D470
D471
D472
S91
D361
D362
D363
D364
S119
D473
D474
D475
D476
S92
D365
D366
D367
D368
S120
D477
D478
D479
D480
S93
D369
D370
D371
D372
S121
D481
D482
D483
D484
S94
D373
D374
D375
D376
S122
D485
D486
D487
D488
S95
D377
D378
D379
D380
S123
D489
D490
D491
D492
S96
D381
D382
D383
D384
S124
D493
D494
D495
D496
S97
D385
D386
D387
D388
S125
D497
D498
D499
D500
S98
D389
D390
D391
D392
S126
D501
D502
D503
D504
S99
D393
D394
D395
D396
S127
D505
D506
D507
D508
S100
D397
D398
D399
D400
S128
D509
D510
D511
D512
Note: This applies to the case where the S1/P1 to S8/P8 output pins are set to be segment output ports.
For example, the table below lists the segment output states for the S11 output pin.
Display data
D41
D42
D43
D44
Segment output pin (S11) state
0
0
0
0
The LCD segments corresponding to COM1, COM2, COM3, and COM4 are off.
0
0
0
1
The LCD segment corresponding to COM4 is on.
0
0
1
0
The LCD segment corresponding to COM3 is on.
0
0
1
1
The LCD segments corresponding to COM3 and COM4 are on.
0
1
0
0
The LCD segment corresponding to COM2 is on.
0
1
0
1
The LCD segments corresponding to COM2 and COM4 are on.
0
1
1
0
The LCD segments corresponding to COM2 and COM3 are on.
0
1
1
1
The LCD segments corresponding to COM2, COM3, and COM4 are on.
1
0
0
0
The LCD segment corresponding to COM1 is on.
1
0
0
1
The LCD segments corresponding to COM1 and COM4 are on.
1
0
1
0
The LCD segments corresponding to COM1 and COM3 are on.
1
0
1
1
The LCD segments corresponding to COM1, COM3, and COM4 are on.
1
1
0
0
The LCD segments corresponding to COM1 and COM2 are on.
1
1
0
1
The LCD segments corresponding to COM1, COM2, and COM4 are on.
1
1
1
0
The LCD segments corresponding to COM1, COM2, and COM3 are on.
1
1
1
1
The LCD segments corresponding to COM1, COM2, COM3, and COM4 are on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com