Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN4438 Datasheet(PDF) 1 Page - Stanson Technology

Part # STN4438
Description  STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4438 Datasheet(HTML) 1 Page - Stanson Technology

  STN4438 Datasheet HTML 1Page - Stanson Technology STN4438 Datasheet HTML 2Page - Stanson Technology STN4438 Datasheet HTML 3Page - Stanson Technology STN4438 Datasheet HTML 4Page - Stanson Technology STN4438 Datasheet HTML 5Page - Stanson Technology STN4438 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STN4438
N Channel Enhancement Mode MOSFET
8.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright
© 2008, Stanson Corp.
STN4438 2009. V1
DESCRIPTION
STN4438 is the N-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as power management and other
battery powered circuits where high-side switching.
PIN CONFIGURATION
SOP-8
PART MARKING
Y: Year Code A: Process Code
FEATURE
l
60V/8.2A, RDS(ON) = 25mΩ (Typ.)
@VGS = 10V
l
60V/7.6A, RDS(ON) = 30mΩ
@VGS = 4.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional on-resistance and maximum
DC current capability
l
SOP-8 package design
PDF created with pdfFactory Pro trial version www.pdffactory.com


Similar Part No. - STN4438

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN4438 VBSEMI-STN4438 Datasheet
995Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
STN4438 EVVOSEMI-STN4438 Datasheet
891Kb / 6P
8.2A N Channel Enhancement Mode MOSFET
Rev:2023A2
More results

Similar Description - STN4438

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST2304SRG STANSON-ST2304SRG Datasheet
630Kb / 6P
ST2304SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN1810 STANSON-STN1810 Datasheet
966Kb / 7P
STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com