Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN4438 Datasheet(PDF) 3 Page - Stanson Technology

Part # STN4438
Description  STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4438 Datasheet(HTML) 3 Page - Stanson Technology

  STN4438 Datasheet HTML 1Page - Stanson Technology STN4438 Datasheet HTML 2Page - Stanson Technology STN4438 Datasheet HTML 3Page - Stanson Technology STN4438 Datasheet HTML 4Page - Stanson Technology STN4438 Datasheet HTML 5Page - Stanson Technology STN4438 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STN4438
N Channel Enhancement Mode MOSFET
8.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright
© 2008, Stanson Corp.
STN4438 2009. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
60
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=48V,VGS=0V
1
Zero Gate Voltage
Drain Current
IDSS
VDS=48V,VGS=0V
TJ=5℃
5
uA
On-State Drain
Current
ID(on)
VDS≧5V,VGS=10V
40
A
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=10A
VGS=4.5V,ID=8A
25
30
30
35
mΩ
Forward
Transconductance
gfs
VDS=5V,ID=6.2AV
24
S
Diode Forward Voltage
VSD
IS=1A,VGS=0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
48
58
Gate-Source Charge
Qgs
24.2
30
Gate-Drain Charge
Qgd
VDS=30V,VGS=10V
ID≡8.2A
14.5
nC
Input Capacitance
Ciss
1920
Output Capacitance
Coss
155
Reverse
TransferCapacitance
Crss
VDS ==30V,VGS=0V
F=1MHz
116
pF
8.5
Turn-On Time
td(on)
tr
6
29
Turn-Off Time
td(off)
tf
VDS=30V,RL=3.6Ω
VGEN=3V
6
nS
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com