Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6621 Datasheet(PDF) 1 Page - Stanson Technology

Part # STP6621
Description  STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP6621 Datasheet(HTML) 1 Page - Stanson Technology

  STP6621 Datasheet HTML 1Page - Stanson Technology STP6621 Datasheet HTML 2Page - Stanson Technology STP6621 Datasheet HTML 3Page - Stanson Technology STP6621 Datasheet HTML 4Page - Stanson Technology STP6621 Datasheet HTML 5Page - Stanson Technology STP6621 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP6621
P Channel Enhancement Mode MOSFET
-18.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
.
STP6621 2010. V1
SCRIPTION
STP6621 is the P-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application, noteook power management ane ther
battery powered circuits where high-side witching.
PIN CONFIGURATION
SOP-8
PART MARKING
SOP-8
FEATURE
-60V/-10.0A, RDS(ON) = 23m
(Typ.)
@VGS =-10V
-60V/-8.0A, RDS(ON) = 28m
@VGS = -4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOP-8 package design


Similar Part No. - STP6621

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STP6623 STANSON-STP6623 Datasheet
456Kb / 6P
P Channel Enhancement Mode MOSFET
STP6625 STANSON-STP6625 Datasheet
813Kb / 7P
P Channel Enhancement Mode MOSFET
More results

Similar Description - STP6621

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2341A STANSON-ST2341A Datasheet
582Kb / 6P
ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com