Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP6621 Datasheet(PDF) 3 Page - Stanson Technology

Part # STP6621
Description  STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STP6621 Datasheet(HTML) 3 Page - Stanson Technology

  STP6621 Datasheet HTML 1Page - Stanson Technology STP6621 Datasheet HTML 2Page - Stanson Technology STP6621 Datasheet HTML 3Page - Stanson Technology STP6621 Datasheet HTML 4Page - Stanson Technology STP6621 Datasheet HTML 5Page - Stanson Technology STP6621 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STP6621
P Channel Enhancement Mode MOSFET
-18.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
.
STP6621 2010. V1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-60
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250 uA
-0.8
-2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-48V,VGS=0V
-1
uA
VDS=-48V,VGS=0V
TJ=85℃
-10
On-State Drain Current
ID(on)
VDS=-5V,VGS=10V
-18
A
Drain-source On-Resistance
RDS(on)
VGS=-10V, ID=-10A
VGS=-4.5V, ID=-8A
0.023
0.028
0.030
0.038
Ω
Forward Tran Conductance
gfs
VDS=-5V,ID=-6.7A
18
S
Diode Forward Voltage
VSD
IS=-2.3A,VGS=0V
-0.7
-1.0
V
Dynamic
Total Gate Charge
Qg
VDS=-30V,VGS=-10
ID≡-6.2A
47
55
nC
Gate-Source Charge
Qgs
9.2
Gate-Drain Charge
Qgd
9.3
Input Capacitance
Ciss
VDS =-30V,VGS=0V
f=1MHz
2410
pF
Output Capacitance
Coss
179
Reverse TransferCapacitance
Crss
125
Turn-On Time
td(on)
tr
VDS=-30V,RL=4.7Ω
VGS=-10V,RGEN=3Ω
9.8
nS
6.1
Turn-Off Time
td(off)
tf
44
12.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com