Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS41401A Datasheet(PDF) 21 Page - Microchip Technology

Part # DS41401A
Description  F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41401A Datasheet(HTML) 21 Page - Microchip Technology

Back Button DS41401A Datasheet HTML 17Page - Microchip Technology DS41401A Datasheet HTML 18Page - Microchip Technology DS41401A Datasheet HTML 19Page - Microchip Technology DS41401A Datasheet HTML 20Page - Microchip Technology DS41401A Datasheet HTML 21Page - Microchip Technology DS41401A Datasheet HTML 22Page - Microchip Technology DS41401A Datasheet HTML 23Page - Microchip Technology DS41401A Datasheet HTML 24Page - Microchip Technology DS41401A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
F1 EVALUATION PLATFORM
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS41401A-page 21
Chapter 5. Hardware Libraries and Drivers
5.1
INTRODUCTION
All of the demo code uses a common set of libraries to provide I2C, real-time clock,
MCP9800 and LCD services. These libraries may be useful for other applications so
they are documented here. These drivers are located at www.microchip.com/F1Eval.
5.2
I2C™ DRIVER
The I2C driver allows I2C requests to be queued and then handled either by interrupts
or by polling. The driver is configured during compilation to support polling or interrupts.
The I2C and LCD demos configure the driver for interrupt mode. The Combined demo
polls the I2C handler within the MCP9800 driver.
5.3
MCP9800 DRIVER
The MCP9800 driver uses the I2C driver to get the current temperature. The
mcp9800_get_temp
function is fully blocking, so once a request is queued, the driver
polls the I2C subsystem until the data is complete. If the I2C driver is operating without
interrupts, the mcp9800_get_temp function repeatedly calls the I2C_handler
function to process all the I2C events. If the I2C driver is operating with interrupts, the
mcp9800_get_temp
function simply inserts an I2C_TRANSACTION_T into the I2C
transaction queue and waits for the transaction to complete.
5.4
RTCC DRIVER
A software RTCC is managed by the supplied RTCC driver. This driver implements the
time()
function required by the C compiler. Time is internally kept as seconds since
January 1, 1970. Standard C functions can be used to convert the time to the current
date. This driver has two modes. In the first mode, it expects to be called once per
second by the Timer1 interrupt. In the second mode, it expects to be called on every
LCD mode B frame. This allows the RTCC to keep accurate time even if Timer1 is being
used by some other function, such as the BLDC motor driver.
5.5
LCD DRIVER
The LCD driver contains the initialization code required for the LCD peripheral and the
mapping code required to control the 3.5-digit LCD supplied with this demo board. It is
a good starting point for the LCD driver your unique application will require.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com