Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS41401A Datasheet(PDF) 13 Page - Microchip Technology

Part # DS41401A
Description  F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41401A Datasheet(HTML) 13 Page - Microchip Technology

Back Button DS41401A Datasheet HTML 9Page - Microchip Technology DS41401A Datasheet HTML 10Page - Microchip Technology DS41401A Datasheet HTML 11Page - Microchip Technology DS41401A Datasheet HTML 12Page - Microchip Technology DS41401A Datasheet HTML 13Page - Microchip Technology DS41401A Datasheet HTML 14Page - Microchip Technology DS41401A Datasheet HTML 15Page - Microchip Technology DS41401A Datasheet HTML 16Page - Microchip Technology DS41401A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
F1 EVALUATION PLATFORM
USER’S GUIDE
© 2009 Microchip Technology Inc.
DS41401A-page 13
Chapter 2. Getting Started
2.1
INTRODUCTION
This chapter gives instruction to get your F1 Evaluation Platform powered up and
running the default demonstration.
• Powering the F1 Evaluation Platform
• Default Firmware
• Programming the F1 Evaluation Platform with the PICkit™ 3
• Attaching a PICkit Serial (optional)
• Measuring the current consumption
FIGURE 2-1:
F1 EVALUATION PLATFORM (DM164130-1)
2.2
POWERING THE F1 EVALUATION PLATFORM
The PIC16LF1937 supplied with your F1 Evaluation Platform requires a supply voltage
of 1.8V-3.6V. Voltages above 3.6V will degrade or damage the device. There are four
ways to supply the necessary power.
1.
Use PICkit 3,
2.
Use the power connector at JP3,
3.
Use PICkit Serial, or
4.
Use the BLCD Expansion Header J3.
2.3
POWERING WITH PICkit™ 3
To power with the PICkit 3, perform the following steps:
1.
Make sure a jumper or an ammeter is connected across JP2.
2.
If you are using a BLDC expansion, remove the jumper at JP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com