Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1650
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 2Page - Microchip Technology MCP1650 Datasheet HTML 3Page - Microchip Technology MCP1650 Datasheet HTML 4Page - Microchip Technology MCP1650 Datasheet HTML 5Page - Microchip Technology MCP1650 Datasheet HTML 6Page - Microchip Technology MCP1650 Datasheet HTML 7Page - Microchip Technology MCP1650 Datasheet HTML 8Page - Microchip Technology MCP1650 Datasheet HTML 9Page - Microchip Technology MCP1650 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
Literature on the Web
■ MCP1650/51/52/53 Data Sheet, DS21876
■ AN980 – Designing a Boost-Switching Regulator with
the MCP1650, DS00980
■ DG10 – Power Solutions Design Guide, DS21913
High Efficiency LED Smart Driver
9-13 volt systems easily adapt to a Smart Driver Circuit
to drive High Power LEDs using the MCP1702, MCP1652
and a PIC10F202. The MCP1702 directly connected to
the 12 volt source creates a 5 volt bias supply capable of
delivering 250 mA to the intelligent boost control circuit.
The LEDs are powered by the source voltage boosted by the
MCP1652, minimizing the current requirements for the 5V
power system. A PIC10F202 adds intelligence to the circuit
providing a means for thermal protection, load open and
short circuit protection as well as the capability of a user
interface to control dimming and other features.
Low Battery Detect enables the designer to determine
a trip point for a low battery condition to make “smart”
adjustments to the circuit function with the PIC10F202. The
Power Good Indication enables the designer to determine
when output voltage conditions are correct.
MCP165X Driver Devices
Device
Special Features
Package
MCP1650
Standard Device
8-Pin MSOP
MCP1651
Low Battery Detect
8-Pin MSOP
MCP1652
Power Good Indication
8-Pin MSOP
MCP1653
Low Battery Detect and
Power Good Indication
10-Pin MSOP
10 LED String
700 mA, 34V DC
PIC10F202
MCP1652
VIN
GND
FB
EXT
PG
CS
SHDN
NC
User
Interface
Dimming
Output
Control
MCP1703
5V LDO
9-13V DC
LED Smart Driver with 12V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com