Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1650 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1650
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 12Page - Microchip Technology MCP1650 Datasheet HTML 13Page - Microchip Technology MCP1650 Datasheet HTML 14Page - Microchip Technology MCP1650 Datasheet HTML 15Page - Microchip Technology MCP1650 Datasheet HTML 16Page - Microchip Technology MCP1650 Datasheet HTML 17Page - Microchip Technology MCP1650 Datasheet HTML 18Page - Microchip Technology MCP1650 Datasheet HTML 19Page - Microchip Technology MCP1650 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.microchip.com/lighting
LED Lighting Solutions Design Guide
19
LED Lighting Solutions
Voltage Output Temperature Sensors
The most basic technique employed to protect the device
from damaging over-temperature conditions is to provide
a shutdown signal to the driver circuit when a pre-defined
threshold is reached. However, this behavior can be
unacceptable in applications where continuous lighting
is required for safety or regulatory conditions. A more
advanced approach can be obtained if a microcontroller is
used to manage the lighting application providing closed
loop control of the power supplied by the driver circuit.
As the temperature approaches the threshold the current
supplied can be reduced to limit the power output.
By using a Voltage Output Temperature Sensor such as
the MCP9700 and MCP9701, placed on the LED module
close to the emitting device, it is possible to provide a
linear voltage feedback signal to a PIC microcontroller. This
solution ensures that the light source can always operate at
a power level that remains within temperature limits. Almost
any kind of software algorithm can be implemented in the
microcontroller to respond to the temperature feedback,
allowing tremendous flexibility.
MCP9700/9700A
MCP9701/9701A
123
1
VDD
VOUT
GND
Bottom
View
5-Pin SC-70
3-Pin TO-92
MCP9700/9701
Only
VDD
VOUT
GND
NC
NC
MCP9700/01 Voltage Output Temperature Sensors
Power LED Thermal Control Circuit Using
MCP9700 and MCP1650
Alternatively a PIC microcontroller can perform a direct
PWM control (on/off) of the entire LED driving circuit at low
frequency (100-120 Hz). By limiting the average
on-time of the power LED, the total power output can be
limited. This technique has the advantage of stabilizing the
application temperature while maintaining the LED driving
current constant therefore limiting the LED color shift
produced by forward current changes. The diagram below
illustrates an example of a switching DC-DC converter design
based on the MCP1650 boost regulator controlled by a 6-pin
PIC10F220 microcontroller.
Learn More
The Intelligent Power Supply Design Center
(www.microchip.com/power) features temperature sensing
solutions, including application notes and product selection
charts.
Literature on the Web
■ DG4 – Temperature Sensor Design Guide, DS21895
Boost Converter
SHDN
Vcc
GND
GP0
AN1
GP2
GP3
User Interface
Communication
PWM
Power
Control
MCP1650
PIC10F220
VOUT
VCC
GND
MCP9700
Temperature
Sensing
High Power
LED Module
Power LED Thermal Control Circuit Using MCP9700 and MCP1650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com