Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS41 Datasheet(PDF) 60 Page - Kemet Corporation

Part # ALS41
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS41 Datasheet(HTML) 60 Page - Kemet Corporation

Back Button ALS41 Datasheet HTML 56Page - Kemet Corporation ALS41 Datasheet HTML 57Page - Kemet Corporation ALS41 Datasheet HTML 58Page - Kemet Corporation ALS41 Datasheet HTML 59Page - Kemet Corporation ALS41 Datasheet HTML 60Page - Kemet Corporation ALS41 Datasheet HTML 61Page - Kemet Corporation ALS41 Datasheet HTML 62Page - Kemet Corporation ALS41 Datasheet HTML 63Page - Kemet Corporation ALS41 Datasheet HTML 64Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
60
60
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Through-Hole Capacitors • Hermetic Seal
Polar T110/T140 Series, CSR13 Case Sizes
Polar T2XX Series CSR/CSS Style MIL-PRF-39003
Case Size
Dimensions
D x L (inches)
Capacitance Range
Benefits
Uninsulated
Insulated
A
0.125 x 0.250
0.135 x 0.286
0.004µF - 12µF
6 - 125 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging available
Available RoHS-compliant
CECC-qualified
•
•
•
•
•
B
0.15 x 0.438
0.185 x 0.44
0.39µF - 100µF
C
0.29 x 0.650
0.289 x 0.686
2.µF - 40µF
D
0.341 x 0.50
0.351 x 0.86
8.2µF - 1200µF
Case Size
Dimensions
D x L (inches)
Capacitance Range
Benefits
Uninsulated
Insulated
A
0.125 x 0.250
0.135 x 0.286
0.004µF - 12µF
6 - 100 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging available
MIL-PRF-39003/01/03/04/06/09/10
100% surge current test available
See www.kemet.com for QPL information
•
•
•
•
•
•
B
0.15 x 0.438
0.185 x 0.44
0.39µF - 100µF
C
0.29 x 0.650
0.289 x 0.686
2.µF - 40µF
D
0.341 x 0.50
0.351 x 0.86
8.2µF - 1200µF
Tantalum Through-Hole Capacitors • Hermetic Seal (cont.)
Miniature T222 CSR09 Style MIL-PRF-39003/2
GR500 High Reliability Series
Case Size
Dimensions
D x L (inches)
Capacitance Range
Benefits
Uninsulated
Insulated
A
0.085 x 0.245
0.090 x 0.250
0.04µF - 2.µF
6 - 5 Volts
±20%, ±10%, ±5% capacitance tolerance
MIL-PRF-39003/02 approved
100% surge current test available
See www.kemet.com for QPL information
•
•
•
•
•
B
0.12 x 0.35
0.138 x 0.390
0.22µF - 18µF
For specific GR500 High Reliability information, please refer to www.kemet.com. See T2XX information above for case size dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com