Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS41 Datasheet(PDF) 61 Page - Kemet Corporation

Part # ALS41
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS41 Datasheet(HTML) 61 Page - Kemet Corporation

Back Button ALS41 Datasheet HTML 57Page - Kemet Corporation ALS41 Datasheet HTML 58Page - Kemet Corporation ALS41 Datasheet HTML 59Page - Kemet Corporation ALS41 Datasheet HTML 60Page - Kemet Corporation ALS41 Datasheet HTML 61Page - Kemet Corporation ALS41 Datasheet HTML 62Page - Kemet Corporation ALS41 Datasheet HTML 63Page - Kemet Corporation ALS41 Datasheet HTML 64Page - Kemet Corporation ALS41 Datasheet HTML 65Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
61
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
61
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Through-Hole Capacitors • Radial Dipped
T35X Series Standard UltraDip II
T363/T369 Series CX02/09 Style MIL-PRF-49137/2
Series
Dimensions
D x H (inches)
Capacitance Range
Benefits
A
0.15 x 0.280 - 0.400
0.10µF - 10µF
• 3 - 50 Volts
• ±20%, ±10%, ±5% capacitance tolerance
• Tape and reel packaging available
• Six lead configurations available
• 0.10, 0.20, 0.25, & 0.125 lead spacing available
• Available RoHS-compliant
Note: “H“ dimension is the range for all T35X
Series. For specific “H“ dimensions, refer to
www.kemet.com
B
0.15 x 0.300 - 0.410
0.39µF - 15µF
C
0.196 x 0.330 - 0.440
1.8µF - 22µF
D
0.196 x 0.340 - 0.450
1.2µF - 33µF
E
0.216 x 0.350 - 0.460
1.5µF - 4µF
F
0.236 x 0.390 - 0.500
2.µF - 68µF
G
0.250 x 0.400 - 0.510
3.9µF - 100µF
H
0.300 x 0.400 - 0.520
5.6µF - 150µF
J
0.330 x 0.500 - 0.580
6.8µF - 220µF
K
0.350 x 0.530 - 0.630
10.0µF - 330µF
L
0.350 x 0.630 - 0.30
15.0µF - 40µF
M
0.400 x 0.60 - 0.60
22.0µF - 680µF
Series
Dimensions
D x H (inches)
Capacitance Range
Benefits
A
0.15 x 0.350
0.10µF - 6.8µF
6 - 50 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging available
MIL-PRF-4913 (CX02/CX12) approved
(CX12 available A & B case)
See www.kemet.com for QPL information
•
•
•
•
•
B
0.250 x 0.450
1.5µF - 68µF
C
0.350 x 0.610
6.8µF - 150µF
D
0.400 x 0.40
22.0µF - 330µF
T368 Series High Capacitance UltraDip II
Tantalum Through-Hole Capacitors • Radial Dipped
Series
Dimensions
D x H (inches)
Capacitance Range
Benefits
C
0.250 x 0.400 x 0.420
5.6 - 150µF
6 - 50 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging available
•
•
•
D
0.250 x 0.460 x 0.520
18.0 - 330µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com