Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EST Datasheet(PDF) 30 Page - Kemet Corporation

Part # EST
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EST Datasheet(HTML) 30 Page - Kemet Corporation

Back Button EST Datasheet HTML 26Page - Kemet Corporation EST Datasheet HTML 27Page - Kemet Corporation EST Datasheet HTML 28Page - Kemet Corporation EST Datasheet HTML 29Page - Kemet Corporation EST Datasheet HTML 30Page - Kemet Corporation EST Datasheet HTML 31Page - Kemet Corporation EST Datasheet HTML 32Page - Kemet Corporation EST Datasheet HTML 33Page - Kemet Corporation EST Datasheet HTML 34Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
30
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
30
Ceramic Capacitors
Surface Mount Inductors
Application Construction Series
Sizes
Inductance
nH
Current
Rating mA
Benefits
Filtering on
Signal Line
Wire Wound L-SWS
0806
1.0 - 100
80 - 610
High Q, high inductance values narrow tolerance
achieved with bottom surface electrodes
•
Multilayer
L-SMS 0402 - 1206 0.04 - 33
1 - 300
High Q, low inductance values, small case sizes
•
Noice
Reduction
on Power
Supply Line
Wire Wound
L-PWS 0805 - 120 1.0 - 1000
15 - 105
Available with super low DC resistance and high
current ratings
•
L-PWI 0805 - 100
1.0 - 680
45 - 5
High current
•
L-PWF
0603
1.0 - 4
35 - 230
High efficiency design with bottom suface electrodes
•
Multilayer
L-PMS 0603, 0805
0.10 - 10
50 - 500
Multi-layer block structure yields higher reliability
•
Power
Inductor for
Switching
Regulator
Wire Wound
L-DWL
0805
1.0 - 4
100 - 620
Low profile, high current
•
L-DWF
0603
1.0 - 4
50 - 290
High efficiency design with bottom surface electrodes
•
L-DWS 0805 - 100 1.0 - 1000
25 - 1200
Low DC resistance
•
L-DWI 0805 - 1210
1.0 - 100
65 - 1440
High current
•
L-DWD 3010 - 10050 0.9 - 220
220 - 9000
High current, low profile, original magnetically
shielded, shock-proof structure
•
Multilayer
L-DMI
1008, 1206
1.0 - 4.
00 - 1300
Low profile, low DC resistance
•
Radio
Frequency
Inductor
Multilayer
L-RMS 0201 - 0805
1.0 - 40
40 - 300
Designed for application above 100MHz, low
inductance values, excellent Q and SRF properties
•
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) for High Power Applications
CBR Series • C0G Dielectric • Ultra High Q • Low ESR • 6.3VDC–250VDC
(RF & Microwave)
Size Code
(EIA/Metric)
Dimensions
L x W (mm)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
0201/0603
0.6 x 0.03
C0G - 0.1pF - 33pF
6.3 - 25
-55°C to +125°C operating temperature range
Ultra high Q
Base metal electrode (BME) dielectric system
Pb-Free and RoHS-compliant
Available capacitance tolerances of ±0.05pF, ±0.1pF, ±0.25pF, ±0.5pF,
±1%, ±2%, ±5% and ±10%
No piezoelectric noise
Low ESR
High thermal stability
No capacitance change with respect to applied rated DC voltage
Negligible capacitance change with respect to temperature
No capacitance decay with time
Non-polar device, minimizing installation concerns
100% pure matte tin-plated termination finish allowing for excellent
solderability
•
•
•
•
•
•
•
•
•
•
•
•
•
0402/1005
1.0 x 0.5
C0G - 0.1pF - 22pF 50 - 100
0603/1608
1.6 x 0.8
C0G - 0.3pF - 4pF 50 - 250
0805/2012
2.0 x 1.25
C0G - 0.3pF - 100pF 50 - 250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com