Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EST Datasheet(PDF) 47 Page - Kemet Corporation

Part # EST
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EST Datasheet(HTML) 47 Page - Kemet Corporation

Back Button EST Datasheet HTML 43Page - Kemet Corporation EST Datasheet HTML 44Page - Kemet Corporation EST Datasheet HTML 45Page - Kemet Corporation EST Datasheet HTML 46Page - Kemet Corporation EST Datasheet HTML 47Page - Kemet Corporation EST Datasheet HTML 48Page - Kemet Corporation EST Datasheet HTML 49Page - Kemet Corporation EST Datasheet HTML 50Page - Kemet Corporation EST Datasheet HTML 51Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
4
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
4
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Type
Capacitance Range
Rated Voltage
Benefits
GMC
2220 - 6560
2824 - 6560
2220 - 6560
2220 - 6560
2824 - 5045
4036 - 6560
1nF - 5600nF
1nF - 400nF
1nF - 2200nF
1nF - 680nF
1nF - 330nF
22nF - 150nF
50VDC, 30VAC
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 300VAC
• Encapsulated winding construction
• Metallized Polyethylene Naphthalate (PEN)
• Climatic category 55/125/56
• Max. dV/dt 5 to 50 V/µs
GPC
2824 - 6560
0.4nF - 1000nF
0.4nF - 1000nF
0.4nF - 680nF
0.4nF - 40nF
0.4nF - 220nF
0.4nF - 150nF
0.4nF - 68nF
63VDC, 40VAC
100VDC, 63VAC
160VDC, 100VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 300VAC
1000VDC, 350VAC
• Encapsulated winding construction
• Double sided metallized film as electrode
• Climatic category 55/125/56
• Max. dV/dt 100 to 2200 V/µs
LDE*
1206 - 6054
1206 - 6054
1206 - 6054
1206 - 6054
2220 - 6054
2220 - 6054
2220 - 6054
1000pF - 4.µF
1000pF - 4.µF
1000pF - 4.µF
1000pF - 1.5µF
0.015µF - 0.4µF
1000pF - 0.2µF
1000pF - 0.1µF
50VDC, 40VAC
63VDC, 40VAC
100VDC, 63VAC
250VDC, 120VAC
400VDC, 160VAC**
630VDC, 200VAC
1000VDC, 250VAC
• Unencapsulated winding construction
• Climatic category 55/125/56
• Max. dV/dt 100 to 300 V/µs
GMW
2220
1nF - 40nF
1nF - 220nF
1nF - 68nF
1nF - 15nF
1nF - 6.8nF
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
• Unencapsulated winding construction
• Climatic category 55/125/21
• Max. dV/dt 20 to 50 V/µs
* For Rated Voltage ≥ 250VDC available special version ITU & Telcordia compliant.
** 400VDC/230VAC for 30 minutes (occasionally).
Metallized PEN Dielectric
SMD Film Capacitors
Series
Type
Capacitance Range
Rated Voltage
Benefits
SMC
2220 - 6560
1nF - 3300nF
1nF - 1500nF
1nF - 40nF
1nF - 220nF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
• Encapsulated winding construction
• Climatic category 55/125/56
• Max. dV/dt 2 to 40 V/µs
SPC
2824 - 6560
0.4nF - 680nF
0.4nF - 330nF
0.4nF - 150nF
0.4nF - 100nF
100VDC, 63VAC
250VDC, 160VAC
400VDC, 250VAC
630VDC, 350VAC
• Encapsulated winding construction
• Double sided metallized film as electrode
• Climatic category 55/125/56
• Max. dV/dt 150 to 2000 V/µs
LDB
1206 - 1210
1206 - 1812
0.012µF - 0.1µF
3300pF - 0.1µF
16VDC
50VDC
• Unencapsulated chip construction
• Special tolerances 2% to 5%
• Climatic category 55/125/56
SMW
2220 - 2824
1nF - 560nF
1nF - 180nF
1nF - 68nF
1nF - 22nF
50VDC, 30VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
• Unencapsulated winding construction
• Climatic category 55/125/56
• Max. dV/dt 8 to 20 V/µs
Series
Type
Capacitance Range
Rated Voltage
Benefits
SMP253
5045
1nF - 4.nF
250VAC
• Encapsulated winding construction
• EMI Capacitor, Class Y2
• Climatic category 40/100/56/B
• Max. dV/dt 2000 V/µs
Metallized PPS Dielectric
Metallized Impregnated Paper Dielectric • Class Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com