Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN3NF06 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STN3NF06
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NF06 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STN3NF06 Datasheet HTML 7Page - STMicroelectronics STN3NF06 Datasheet HTML 8Page - STMicroelectronics STN3NF06 Datasheet HTML 9Page - STMicroelectronics STN3NF06 Datasheet HTML 10Page - STMicroelectronics STN3NF06 Datasheet HTML 11Page - STMicroelectronics STN3NF06 Datasheet HTML 12Page - STMicroelectronics STN3NF06 Datasheet HTML 13Page - STMicroelectronics STN3NF06 Datasheet HTML 14Page - STMicroelectronics STN3NF06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AN3151
Overview of inverse buck converter
Doc ID 17051 Rev 1
11/34
The output voltage =VLED = N* VF(Typical)=40 V
Where N=Number of LEDs per string=10 and Vf is the typical forward voltage (4 V).
Forward voltage has some variation in respect to the typical value and the LED
manufacturer reports also the minimum forward voltage Vfmin and maximum forward voltage
Vfmax.
These values must be considered for dimensioning of the power converter.
The LED characteristics are strongly dependent on manufacturer and are reported in their
corresponding datasheets.
In particular, these are necessary to calculate the duty cycle variation range.
Design spec calculation:
Equation 2
Equation 3
δ=Ton/Ts and expressed in terms of voltage for a buck converter:
Equation 4
Equation 5
Equation 6
The current ripple admitted for this application is less than 10 % depending on the following
formula:
Equation 7
ILEDAVG = Average LED current
ΔI
LED
10
%
Ripple current on the LEDs
Table 1.
Electrical specs (continued)
Description
Symbol
Value
Unit
VOUTmin= VLEDmin=N*Vfmin=10*3.85 V=38.5 V
VOUTmax=VLEDmax=N*Vfmax=10*4.15 V=41.5 V
δ=Vout/Vin
δmin= V
OUTmin/Vin=80.2 %
δmax= V
OUTmax/Vin=86.4 %
⎪
⎩
⎪
⎨
⎧
⎟
⎠
⎞
⎜
⎝
⎛ −
=
Δ
≤
Δ
=
Δ
Vin
Vout
1
L
*
Fs
Vout
I
%
10
I
I
min
min
L
L
LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com