Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN3NF06 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STN3NF06
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3NF06 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STN3NF06 Datasheet HTML 26Page - STMicroelectronics STN3NF06 Datasheet HTML 27Page - STMicroelectronics STN3NF06 Datasheet HTML 28Page - STMicroelectronics STN3NF06 Datasheet HTML 29Page - STMicroelectronics STN3NF06 Datasheet HTML 30Page - STMicroelectronics STN3NF06 Datasheet HTML 31Page - STMicroelectronics STN3NF06 Datasheet HTML 32Page - STMicroelectronics STN3NF06 Datasheet HTML 33Page - STMicroelectronics STN3NF06 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Bill of material
AN3151
30/34
Doc ID 17051 Rev 1
9
Bill of material
Another inductor has been tested on this platform. Better results in terms of efficiency were
achieved thanks to a lower DC resistance. For mechanical space reasons these inductors
have not been used in the power stage.
For any efficiency tests consider also the MURATA power inductor with 1.5 mH up to 1.3 A
(1415513C).
Table 3.
BOM
Reference
Part / value
Technology
information
Package
Manufacturer
Manufacturer
code
C1,C4,C7,C10
220 nF
Ceramic cap.
C2,C5,C8,C11
47 µF
Cap poly rad.
C3,C6,C9,C12
220 pF
SMD mult.ceramic cap.
0805
C41,C44
100 nF
SMD mult.ceramic cap.
0805
C43
10 µF
Cap poly rad.
0805
D1,D2,D3,D4
STPS1L60
Power Schottky
rectifier
STMicroelectronics
STPS1L60
D10
LED diode
1206
J1,J2,J3,J5,J7,
J26
Connector
TH
J4
PWM connector
Connector-female
TH
J6
Sensing
connector
Connector-female
TH
L1,L2,L3,L4
820 uH
Inductor
Wurth electronics
Inc
7447709821
Q1,Q2,Q3,Q4
STN3NF06
STripFET™ II power
MOSFET
SOT223
STMicroelectronics
STN3NF06
R2,R5,R56,
R11
620
Ω
Thick film resistor
1206
R1
10
Ω
1206
R3,R6,R9,R12
0.68
Ω
Thick film resistor
1206
Cyntec
RLT16324R680FN-06
R7,R10,R60
10
Ω
Thick film resistor
1206
R47
1 k
Ω
Thick film resistor
1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com