Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8S207MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8S207MBT3 Datasheet HTML 79Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 80Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 81Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 82Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 83Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 84Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 85Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 86Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
STM8S207xx, STM8S208xx
Electrical characteristics
Doc ID 14733 Rev 12
83/103
Table 45.
ADC accuracy with RAIN < 10 kΩ , VDDA = 5 V
Symbol
Parameter
Conditions
Typ
Max(1)
1.
Data based on characterisation results for LQFP80 device with VREF+/VREF-, not tested in production.
Unit
|ET|
Total unadjusted error (2)
2.
ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins
should be avoided as this significantly reduces the accuracy of the conversion being performed on another
analog input. It is recommended to add a Schottky diode (pin to ground) to standard analog pins which may
potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and
ΣIINJ(PIN) in Section 10.3.6 does not affect the ADC accuracy.
fADC = 2 MHz
1
2.5
LSB
fADC = 4 MHz
1.4
3
fADC = 6 MHz
1.6
3.5
|EO|
Offset error (2)
fADC = 2 MHz
0.6
2
fADC = 4 MHz
1.1
2.5
fADC = 6 MHz
1.2
2.5
|EG|
Gain error (2)
fADC = 2 MHz
0.2
2
fADC = 4 MHz
0.6
2.5
fADC = 6 MHz
0.8
2.5
|ED|
Differential linearity error (2)
fADC = 2 MHz
0.7
1.5
fADC = 4 MHz
0.7
1.5
fADC = 6 MHz
0.8
1.5
|EL|
Integral linearity error (2)
fADC = 2 MHz
0.6
1.5
fADC = 4 MHz
0.6
1.5
fADC = 6 MHz
0.6
1.5
Table 46.
ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
|ET|
Total unadjusted error(2)
fADC = 2 MHz
1.1
2
LSB
fADC = 4 MHz
1.6
2.5
|EO|
Offset error(2)
fADC = 2 MHz
0.7
1.5
fADC = 4 MHz
1.3
2
|EG|
Gain error(2)
fADC = 2 MHz
0.2
1.5
fADC = 4 MHz
0.5
2
|ED|
Differential linearity error(2)
fADC = 2 MHz
0.7
1
fADC = 4 MHz
0.7
1
|EL|
Integral linearity error(2)
fADC = 2 MHz
0.6
1.5
fADC = 4 MHz
0.6
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com