Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S207MBT3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8S207MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8S207MBT3 Datasheet HTML 25Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 26Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 27Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 28Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 29Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 30Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 31Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 32Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
STM8S207xx, STM8S208xx
Pinouts and pin description
Doc ID 14733 Rev 12
29/103
16
--
--
PH3
I/O X
XO1
X
X
Port H3
17 13
-
-
-
PF7/AIN15
I/O X
XO1
X
X
Port F7
Analog
input 15
18 14
-
-
-
PF6/AIN14
I/O X
XO1
X
X
Port F6
Analog
input 14
19 15
-
-
-
PF5/AIN13
I/O X
XO1
X
X
Port F5
Analog
input 13
20 16
-
-
8 PF4/AIN12
I/O X
XO1
X
X
Port F4
Analog
input 12
21 17
-
-
-
PF3/AIN11
I/O X
XO1
X
X
Port F3
Analog
input 11
22 18
-
-
-
VREF+
S
ADC positive reference
voltage
23 19 13 12
9 VDDA
S
Analog power supply
24 20 14 13 10 VSSA
S
Analog ground
25 21
-
-
-
VREF-
S
ADC negative reference
voltage
26 22
-
-
-
PF0/AIN10
I/O X
XO1
X
X
Port F0
Analog
input 10
27 23 15 14
-
PB7/AIN7
I/O X
XX
O1
X
X
Port B7
Analog
input 7
28 24 16 15
-
PB6/AIN6
I/O X
XX
O1
X
X
Port B6
Analog
input 6
29 25 17 16 11 PB5/AIN5
I/O X
XX
O1
X
X
Port B5
Analog
input 5
I2C_SDA
[AFR6]
30 26 18 17 12 PB4/AIN4
I/O X
XX
O1
X
X
Port B4
Analog
input 4
I2C_SCL
[AFR6]
31 27 19 18 13 PB3/AIN3
I/O X
XX
O1
X
X
Port B3
Analog
input 3
TIM1_ETR
[AFR5]
32 28 20 19 14 PB2/AIN2
I/O X
XX
O1
X
X
Port B2
Analog
input 2
TIM1_
CH3N
[AFR5]
33 29 21 20 15 PB1/AIN1
I/O X
XX
O1
X
X
Port B1
Analog
input 1
TIM1_
CH2N
[AFR5]
34 30 22 21 16 PB0/AIN0
I/O X
XX
O1
X
X
Port B0
Analog
input 0
TIM1_
CH1N
[AFR5]
Table 6.
Pin description (continued)
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com