Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B151 Datasheet(PDF) 2 Page - Protek Devices

Part # 587B151
Description  120V AC POWER LINE SURGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B151 Datasheet(HTML) 2 Page - Protek Devices

  587B151 Datasheet HTML 1Page - Protek Devices 587B151 Datasheet HTML 2Page - Protek Devices 587B151 Datasheet HTML 3Page - Protek Devices 587B151 Datasheet HTML 4Page - Protek Devices 587B151 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05016.R7 9/12
Page 2
587B051 - 587B301
tyPical Device chaRacteRistics
MaXiMuM Ratings @ 25°c unless otherwise specified
PaRaMeteR
syMBol
value
units
Operating Line Voltage: +10%
V
O
130
Volts AC
Line Current: 587B051/587B151/587B201/587B301
-
5/15/20/30
Amps
Peak Transient Voltage
-
6000
Volts
Peak Transient Current
-
3000
Amps
Current Leakage @ 130 Volts AC: Line-to-Neutral & Neutral-to-Ground
-
1 & 0.5
mA
Operating Temperature - Note 1
T
A
-40 to 85
°C
Storage Temperature - Note 1
T
STG
-40 to 85
°C
notes
1. Measured at the center of the mounting surface.
electRical chaRacteRistics @ 25°c unless otherwise specified
PRotection
MoDe
(note 1)
MaXiMuM
claMPing voltage
(note 2)
volts
oPen ciRcuit
voltage
(note 2)
@1.2/50µs
volts
shoRt ciRcuit
cuRRent
(note 2)
@ 8/20µs
aMPs
Line to Neutral
295
1000
500
Line to Neutral
350
6000
3000
Neutral to Ground
500
1000
500
Neutral to Ground
650
6000
3000
notes
1. Differential Mode Protection: Line to Neutral. Common Mode Protection: Neutral to Ground.
2. Test condition responses to transient voltages.
FilteR chaRacteRistics (noise attenuation db)
Frequency (MHz)
0.15
0.5
1.0
5.0
10
30
Common Mode Attenuation
10
25
35
55
50
40
Differential Mode Attenuation
30
55
55
55
50
45



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com