Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B151 Datasheet(PDF) 4 Page - Protek Devices

Part # 587B151
Description  120V AC POWER LINE SURGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B151 Datasheet(HTML) 4 Page - Protek Devices

  587B151 Datasheet HTML 1Page - Protek Devices 587B151 Datasheet HTML 2Page - Protek Devices 587B151 Datasheet HTML 3Page - Protek Devices 587B151 Datasheet HTML 4Page - Protek Devices 587B151 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05016.R7 9/12
Page 4
587B051 - 587B301
PacKage inFoRMation
A
B
C
D
G
E
F
LINE IN
LINE OUT
NEUTRAL
GROUND
DEVICE
MARKING
oRDeRing inFoRMation
Base PaRt nuMBeR
(xx = voltage)
MaRKing
587Bxxx
Part Number, Date Code, Voltage, Logo, Current Rating, CSA Logo
outline DiMensions
P/n
weight
inches
MilliMeteRs
a
B
c
D
e
F
g
a
B
c
D
e
F
g
587B051
250
2.00
2.00
2.50
3.00
1.50
0.60
0.169
50.8
50.8
63.5
76.2
38.2
15.2
4.29
587B151
500
3.00
2.00
3.50
4.00
1.50
0.60
0.169
76.2
50.8
89.0
102.0
38.2
15.2
4.29
587B201
750
3.00
3.00
3.50
4.00
1.50
0.60
0.169
76.2
76.2
89.0
102.0
38.2
15.2
4.29
587B301
850
3.00
3.00
3.50
4.00
1.50
0.60
0.169
76.2
76.2
89.0
102.0
38.2
15.2
4.29



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com