Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBYV26C Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SBYV26C
Description  Glass Passivated Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SBYV26C Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SBYV26C Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SBYV26C Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
600V
1.0A
SBYV26C
1 of 2
Mechanical Data
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Ultrafast recovery time for high efficiency
• Low forward voltage, high current capability
• Capable of meeting environmental standards of
MIL-S-19500
• Hermetically sealed package
• Low leakage current • High surge current capability
• Specified reverse surge capability
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length,5 lbs. (2.3kg) tension
Case: JEDEC DO-204AL, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any Weight: 0.012 oz., 0.3 g
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum RMS voltage
VRMS
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL = 85°C (See Fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10ms single half
sine-wave superimposed on rated load
IFSM
30
A
Non repetitive peak reverse energy (Note 1)
ERSM
5mJ
Typical thermal resistance (Note 2,3)
R
ΘJA
70
R
ΘJL
16
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Minimum avalanche breakdown voltage at 100
µAVBR
600
V
Maximum instantaneous
TJ = 25°C
VF
2.5
V
forward voltage at 1.0A
TJ = 175°C
1.3
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA = 165°C
150
Max. reverse recovery time at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
30
ns
Maximum junction capacitance at 4.0V, 1MHz
CJ
45
pF
Maximum reverse recovery current slope
dir/dt
7
A/
µs
at IF = 1A, VR = 30V, dif/dt = –1A/
µs
Notes: (1) Peak reverse energy measured with 8/20
µs surge
(2) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm) copper pads
(3) Thermal resistance from junction to lead at 0.375” (9.5mm) lead length with both leads attached to heatsink
Glass Passivated Ultrafast Rectifier


Similar Part No. - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
30Kb / 2P
Glass Passivated Ultrafast Rectifier
11-Feb-02
SBYV26C VISHAY-SBYV26C Datasheet
108Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
logo
Gulf Semiconductor
SBYV26C GULFSEMI-SBYV26C Datasheet
101Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?200 to 1400V CURRENT: 1.0A
logo
Vishay Siliconix
SBYV26C VISHAY-SBYV26C Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
SBYV26C SUNMATE-SBYV26C Datasheet
81Kb / 2P
1.0A Axial Leaded Ultra Fast Rectifier
More results

Similar Description - SBYV26C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGP10A VISHAY-EGP10A Datasheet
103Kb / 4P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP20A VISHAY-EGP20A Datasheet
111Kb / 5P
Glass Passivated Ultrafast Rectifier
20-Aug-07
EGP30A VISHAY-EGP30A_11 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
EGP50A VISHAY-EGP50A_11 Datasheet
80Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP20B VISHAY-FGP20B_11 Datasheet
77Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP50B VISHAY-FGP50B Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
SBYV26C VISHAY-SBYV26C_11 Datasheet
80Kb / 5P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP10B VISHAY-FGP10B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP20B VISHAY-FGP20B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
FGP30B VISHAY-FGP30B_12 Datasheet
79Kb / 4P
Glass Passivated Ultrafast Rectifier
15-Mar-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com