Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC4053AF Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC4053AF
Description  8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4053AF Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC4053AF_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2010-07-15
4
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
Control input voltage
VIN
−0.5 to 7.0
V
Switch I/O voltage
VI/O
− 0.5 to VCC + 0.5
V
Input diode current
IIK
−20
mA
I/O diode current
IIOK
±25
mA
Switch through current
IT
±25
mA
DC VCC or ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
−65 to 150
°C
Note :
Exceeding any of the absolute maximum ratings, even briefly, may lead to deterioration in IC performance
or even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
2 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Switch I/O voltage
VI/O
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
0 to 200 (VCC = 2.5 ± 0.2 V)
0 to 100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused control inputs must be tied to either VCC or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com