Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC4053AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74VHC4053AF
Description  8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4053AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VHC4053AF_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 10Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 11Page - Toshiba Semiconductor TC74VHC4053AF_12 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2010-07-15
8
AC Test Circuit
CIOS
C
VCC
I/O
O/I
GND
(Common pin)
VCC
(Switch pin)
Figure 2 CIOS, CIS, COS
Figure 1 tpLZ, tpHZ, tpZL, tpZH
3 ns
90%
10%
50%
3 ns
VCC
GND
VC
50%
VOH
VOL
50%
tpZH
90%
10%
tpHZ
tpLZ
tpZL
VOH
VOL
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
VCC
C
VCC
I/O
O/I
S2
S1
GND
from
P.G
1 k
Ω
Figure 3 Frequency Response (switch on)
VIN
C
VCC
I/O
O/I
GND
VCC
1/2VCC
Figure 4 Feedthrough
VIN
C
VCC
I/O
O/I
GND
VCC
1/2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com