Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP3921 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLP3921
Description  Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP3921 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLP3921 Datasheet HTML 1Page - Vishay Siliconix WSLP3921 Datasheet HTML 2Page - Vishay Siliconix WSLP3921 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30176
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 18-Nov-10
2
WSLP3921, WSLP5931
Power Metal Strip® Resistors, Very High Power (to 10 W)
Low Value (Down to 0.0003
Ω), Surface Mount
Vishay Dale
DIMENSIONS
DERATING
Note
• Embossed Carrier Tape per EIA-481.
MODEL
DIMENSIONS in inches (millimeters)
SOLDER PAD DIMENSIONS in inches (millimeters)
LW
H
T
d
b
l
WSLP3921
0.394 ± 0.010
(10.0 ± 0.254)
0.205 ± 0.010
(5.20 ± 0.254)
0.020
(0.5)
0.080 ± 0.010
(2.00 ± 0.254)
0.106 ± 0.010
(2.70 ± 0.254)
0.244 ± 0.010
(6.20 ± 0.254)
0.220 ± 0.005
(5.60 ± 0.13)
WSLP5931
0.591 ± 0.010
(15.0 ± 0.254)
0.305 ± 0.010
(7.75 ± 0.254)
0.020
(0.5)
0.157 ± 0.010
(4.00 ± 0.254)
0.205 ± 0.010
(5.20 ± 0.254)
0.344 ± 0.010
(8.75 ± 0.254)
0.220 ± 0.005
(5.60 ± 0.13)
H
L
T
W
D
I
d
b
GLOBAL
MODEL
RESISTANCE
VALUE
(m
Ω)
“D”
THICKNESS
(inches)
ELEMENT
MATERIAL
WSLP3921
0.5
0.0300
Mn-Cu
WSLP3921
1.0
0.0150
Mn-Cu
WSLP3921
2.0
0.0270
Fe-Cr
WSLP3921
3.0
0.0170
Fe-Cr
WSLP3921
4.0
0.0130
Fe-Cr
WSLP5931
0.3
0.0300
Mn-Cu
WSLP5931
0.5
0.0180
Mn-Cu
WSLP5931
1.0
0.0330
Fe-Cr
WSLP5931
2.0
0.0155
Fe-Cr
WSLP5931
3.0
0.0105
Fe-Cr
70
120
100
80
60
40
20
0
170
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
ΔR
Short time overload
5 x rated power for 5 s
± 0.5 %
ΔR
Low temperature operation
- 65 °C for 45 min
± 0.5 %
ΔR
High temperature storage
1000 h at + 170 °C
± 1.0 %
ΔR
Bias humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
ΔR
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
ΔR
Load life at 70 °C
1000 h, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
ΔR
Resistance to solder heat
260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± 0.5 %
ΔR
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 1.0 %
ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLP3921
16 mm/embossed plastic
330 mm/13"
3000
EA
WSLP5931
24 mm/embossed plastic
330 mm/13"
1500
EA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com