Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLP3921 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLP3921
Description  Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP3921 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLP3921 Datasheet HTML 1Page - Vishay Siliconix WSLP3921 Datasheet HTML 2Page - Vishay Siliconix WSLP3921 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30176
1
Revision: 18-Nov-10
WSLP3921, WSLP5931
Vishay Dale
Power Metal Strip® Resistors, Very High Power (to 10 W)
Low Value (Down to 0.0003
Ω), Surface Mount
FEATURES
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers
• Proprietary processing technique produces
extremely low resistance values, down to
0.0003
Ω
• Specially selected and stabilized materials allow
for high power rating (to 10 W)
• All welded construction
• Solid metal iron-chrome or manganese-copper alloy
resistive element with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified available (1)
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Flame retardance test may not be applicable to some resistor
technologies.
Note
(2) Other values may be available, contact factory.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE VALUE
RANGE
Ω
RESISTANCE VALUES
CURRENTLY AVAILABLE (2)
Ω
WEIGHT
(typical)
g/1000 pieces
WSLP3921
3921
5.0
1.0, 5.0
2m to 4m
2m, 3m, 4m
281
WSLP3921
3921
9.0
1.0, 5.0
0.5m to 1m
0.5m, 1m
281
WSLP5931
5931
7.0
1.0, 5.0
1m to 3m
1m, 2m, 3m
398
WSLP5931
5931
10.0
1.0, 5.0
0.3m to 0.5m
0.3m, 0.5m
398
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 175 for 0.3 m
Ω and 0.5 mΩ, ± 75 for 1 mΩ to 4 mΩ
Operating temperature range
°C
- 65 to + 170
Maximum continuous current
A
(P/R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSLP39212L000FEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSLP3921
WSLP5931
L = m
Ω
2L000 = 0.002
Ω
F = ± 1.0 %
J = ± 5.0 %
EA = Lead (Pb)-free, tape/reel
EK = Lead (Pb)-free, bulk
Reserved for
future specials
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
S
L
P
3
9
2
1
2
L
0
0
0
F
E
A
W


Similar Part No. - WSLP3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP3921 VISHAY-WSLP3921 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
15-Jul-2022
WSLP3921 VISHAY-WSLP3921 Datasheet
137Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
12-Oct-2020
WSLP39211L000FEA VISHAY-WSLP39211L000FEA Datasheet
137Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
12-Oct-2020
WSLP39211L000FEB VISHAY-WSLP39211L000FEB Datasheet
137Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
12-Oct-2020
WSLP39211L000JEA VISHAY-WSLP39211L000JEA Datasheet
137Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
12-Oct-2020
More results

Similar Description - WSLP3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP VISHAY-WSLP Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSLP2726 VISHAY-WSLP2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
07-Aug-15
WSLP4026 VISHAY-WSLP4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
07-Aug-15
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSHP2818 VISHAY-WSHP2818_V01 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, High Power (10 W), Low Value (Down to 0.001 Ω), Surface-Mount
14-Feb-2022
WSLF VISHAY-WSLF_V01 Datasheet
132Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
Revision: 28-Jun-2022
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
Revision: 27-Jan-2022
WSLP4026 VISHAY-WSLP4026_V01 Datasheet
143Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
12-Jan-2022
WSLP5931 VISHAY-WSLP5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
15-Jul-2022
WSLP VISHAY-WSLP_V01 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
09-Aug-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com