Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSMS2906 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSMS2906
Description  Power Metal Strip® Meter Shunt Resistor Very Low Value (down to 0.0003 ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSMS2906 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSMS2906 Datasheet HTML 1Page - Vishay Siliconix WSMS2906 Datasheet HTML 2Page - Vishay Siliconix WSMS2906 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSMS2906
www.vishay.com
Vishay Dale
Revision: 21-Nov-11
1
Document Number: 30181
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Meter Shunt Resistor
Very Low Value (down to 0.0003
)
FEATURES
• High power to resistor size ratio
• 5-terminal connection design
• Use for single or multi-phase energy meters
• Proprietary processing technique produces
extremely low resistance values
• All welded construction
• Very low inductance (< 5 nH)
• Low thermal EMF (< 3 μV/°C)
• Compliant to RoHS Directive 2002/95/EC
Note
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Note
(1) Other values may be available, contact factory
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE VALUE
RANGE
RESISTANCE VALUES
CURRENTLY AVAILABLE (1)
WEIGHT
(typical)
g/1000 pieces
WSMS2906
2906
3.0
5.0
300μ to 660μ
300μ, 400μ, 500μ
4.7
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 100 for 300 μ
 and 400 μ,
± 75 for 500 μ
Operating Temperature Range
°C
- 65 to + 170
Maximum Current Rating
A
(P/R)1/2
GLOBAL PART NUMBER INFORMATION
GLOBAL PART NUMBERING EXAMPLE: WSMS2906L4000JK (WSMS2906, 0.0004
, ± 5 %)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSMS2906
L = m
L3000 = 0.00030
L4000 = 0.00040
L5000 = 0.00050
J = ± 5.0 %
K = Bulk pack
(Dash number)
(Up to 2 digits)
From 1 to 99 as
applicable
W
S
M
S
2
9
0
6
L
4
0
0
0
J
K


Similar Part No. - WSMS2906

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSMS2908 VISHAY-WSMS2908 Datasheet
85Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
02-Jul-10
WSMS2908 VISHAY-WSMS2908 Datasheet
87Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
11-Aug-17
WSMS2908 VISHAY-WSMS2908_V01 Datasheet
87Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
11-Aug-17
More results

Similar Description - WSMS2906

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSMS5515 VISHAY-WSMS5515 Datasheet
261Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.00016 Ω)
15-Nov-07
WSMS2908 VISHAY-WSMS2908 Datasheet
85Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
02-Jul-10
WSMS3124 VISHAY-WSMS3124 Datasheet
86Kb / 3P
Power Metal Strip® Meter Shunt Resistor Very Low Value (down to 0.0001 Ω)
09-Mar-12
WSMS5515 VISHAY-WSMS5515_12 Datasheet
76Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.00010 Ohms)
09-May-12
WSLP2726 VISHAY-WSLP2726_15 Datasheet
98Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
07-Aug-15
WSLP4026 VISHAY-WSLP4026_15 Datasheet
100Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 7 W), Low Value (down to 0.0003 ohm), Surface Mount
07-Aug-15
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSBS5216 VISHAY-WSBS5216_V01 Datasheet
93Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
14-Oct-2021
WSBS8518 VISHAY-WSBS8518_V01 Datasheet
99Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value
15-Nov-2019
WSMS2908 VISHAY-WSMS2908_V01 Datasheet
87Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
11-Aug-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com