Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSMS2906 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSMS2906
Description  Power Metal Strip® Meter Shunt Resistor Very Low Value (down to 0.0003 ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSMS2906 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSMS2906 Datasheet HTML 1Page - Vishay Siliconix WSMS2906 Datasheet HTML 2Page - Vishay Siliconix WSMS2906 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSMS2906
www.vishay.com
Vishay Dale
Revision: 21-Nov-11
2
Document Number: 30181
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
DERATING
1.142 ± 0.010 (29 ± 0.25)
0.827 (21)
0.748 ± 0.010
(19 ± 0.25)
0.551
(14)
0.165 (4.2) Dia.
0.051 (1.3)
0.295 ± 0.010
(7.5 ± 0.25)
0.541
(13.75)
0.118 (3)
0.059 (1.5)
0.059 (1.5)
0.305 (7.75)
0.059 (1.5)
70
120
100
80
60
40
20
0
175
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
TOLERANCES ON DECIMALS
XXX ± 0.005
RESISTANCE
VALUE
(μ
)
ELEMENT
MATERIAL
300, 400, 500
Mn-Cu
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
R
Short Time Overload
5 x rated power for 5 s
± 0.5 %
R
Low Temperature Operation
- 65 °C for 45 min
± 0.5 %
R
High Temperature Exposure
1000 h at + 170 °C
± 1.0 %
R
Bias Humidity
+ 85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
R
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
R
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
R
Load Life
1000 h at + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
R
Moisture Resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.5 %
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com